データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HDP220P-R100JB

  • AI
    ## HDP220P-R100JB: Component Overview The **HDP220P-R100JB** is a high-power, precision resistor designed for applications requiring significant heat dissipation within a compact footprint. It is typically manufactured by brands like **Bourns** or **Caddock** (under the HDP series). --- ### 1. Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Resistance Value** | 100 Ohms ($100\Omega$) | Defined by the "100" in the part number | | **Power Rating** | 20 Watts | When mounted to a proper heatsink | | **Tolerance** | $\pm 5\%$ | Indicated by the "J" suffix | | **Package Type** | TO-220 | Transistor-style package for easy mounting | | **Technology** | Thick Film | Non-inductive design | | **Operating Temp** | -55°C to +155°C | Standard industrial range | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific details about the component's construction: * **HDP220**: Series name, indicating a High Power Resistor in a **TO-220** housing. * **P**: Indicates the pin configuration (standard two-lead). * **R100**: The resistance value. "R" acts as the decimal or multiplier; here it represents **100.0 Ohms**. * **J**: Tolerance code. **J = 5%**, **F = 1%**, **D = 0.5%**. * **B**: Packaging code (usually refers to Bulk or Tube packaging). --- ### 3. Key Electronic Characteristics * **Thermal Management:** Unlike standard axial resistors, the TO-220 package allows this part to be bolted to a heatsink. Without a heatsink, the power rating drops significantly (often to ~2 Watts). * **Low Inductance:** Because it uses thick film technology rather than wire-wound coils, it is suitable for high-frequency applications and switching power supplies. * **Isolation:** The resistor element is electrically isolated from the metal mounting tab (usually by a ceramic substrate), allowing for direct mounting to grounded chassis. --- ### 4. Common Applications Due to its power handling and non-inductive nature, the HDP220P-R100JB is commonly found in: 1. **Snubber Circuits:** Absorbing voltage spikes in switching power supplies. 2. **Dummy Loads:** Testing low-power RF or audio circuits. 3. **Gate Resistors:** In large IGBT or MOSFET driving circuits to control switching speeds. 4. **Current Sensing:** Though 100 Ohms is high for current sensing, it can be used in specific voltage-divider or feedback loops. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum power rating of this resistor without a heatsink?
    • ⤷ How does the 'J' tolerance compare to 'F' or 'D' in terms of precision?
    • ⤷ What is the importance of a non-inductive design in switching circuits?