データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HDSP-R883

  • AI
    ## HDSP-R883: Technical Overview The **HDSP-R883** is a high-performance, 8-element alphanumeric display component, typically manufactured by Broadcom (formerly Avago/Agilent). It is specifically designed to be used in environments where high visibility and small form factors are required. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Display Type** | 8-Character, 5x7 Dot Matrix | | **Color** | Deep Red (High Efficiency Red) | | **Character Height** | 5.08 mm (0.20 inches) | | **Interface** | Parallel (8-bit bidirectional data bus) | | **Supply Voltage ($V_{CC}$)** | 4.5V to 5.5V | | **Package Type** | Ceramic Glass (DIP-style) | --- ### 2. Internal Electronic Components The HDSP-R883 is an **intelligent display**, meaning it is not just a collection of LEDs. It contains integrated circuitry to simplify the interface with a microcontroller: 1. **5x7 LED Matrices:** Each of the 8 characters consists of 35 individual LED dots. 2. **On-board CMOS IC:** This chip handles the complex tasks of: * **RAM:** Stores the character data for all 8 positions. * **Character Generator ROM:** Contains the standard ASCII character set, so the user only needs to send a byte code (e.g., `0x41` for 'A') rather than controlling individual dots. * **Display Drivers:** High-current drivers that pulse the LEDs. * **Multiplexing Circuitry:** Automatically scans the rows and columns so the display remains flicker-free without external timing. --- ### 3. Pinout Logic and Control The device uses a standard microprocessor-compatible interface. Below are the critical control pins: * **D0-D7:** Bi-directional data bus for sending ASCII characters or control words. * **A0-A2:** Address pins used to select which of the 8 character locations is being written to. * **$\overline{WR}$ (Write):** Pulled low to load data from the bus into the internal RAM. * **$\overline{CE}$ (Chip Enable):** Must be low for the device to accept any commands. * **$\overline{RST}$ (Reset):** Clears the internal buffers. --- ### 4. Typical Application Circuit When connecting to an Arduino or a similar MCU, the logic follows this flow: ```cpp // Pseudocode for writing 'H' to the first character position digitalWrite(CE_PIN, LOW); // Enable Chip digitalWrite(A0_PIN, LOW); // Set Address to 000 (Pos 1) digitalWrite(A1_PIN, LOW); digitalWrite(A2_PIN, LOW); PORTD = 0x48; // ASCII for 'H' digitalWrite(WR_PIN, LOW); // Pulse Write Low delayMicroseconds(1); digitalWrite(WR_PIN, HIGH); // Latch Data digitalWrite(CE_PIN, HIGH); // Disable Chip ``` --- ### 5. Features and Advantages * **Brightness Control:** The display usually supports multiple levels of dimming through software commands. * **Low Power:** Uses CMOS technology for the logic side, drawing significant current only for the LEDs themselves. * **Durability:** Often found in industrial and military-grade equipment due to the robust ceramic packaging.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the current consumption for the HDSP-R883 at maximum brightness?
    • ⤷ Can this display show custom symbols not found in the ASCII ROM?
    • ⤷ What are the timing requirements for the Write pulse (WR) in nanoseconds?