データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HFC1005HTTDR10

  • AI
    The **HFC1005HTTDR10** is a precision electronic component, specifically a **High-Frequency Thin Film Chip Inductor**. These components are critical in modern telecommunications and high-speed data devices due to their stability and small physical footprint. --- ### 1. Technical Specifications The part number follows a standard coding convention for thin-film inductors. Below are the primary specifications: | Feature | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 1.0 nH | Very low inductance for high-frequency filtering. | | **Tolerance** | ±0.1 nH | High precision (indicated by the 'B' or 'T' code). | | **Package Size** | 0402 (1005 Metric) | 1.0mm x 0.5mm; extremely compact. | | **Technology** | Thin Film | Photolithography process for tight tolerances. | | **Quality Factor (Q)** | High | Low energy loss at gigahertz frequencies. | | **Current Rating** | ~300mA - 800mA | Varies slightly by specific manufacturer revision. | --- ### 2. Key Internal Characteristics #### A. Thin Film Construction Unlike wire-wound inductors (which use copper coils) or multilayer inductors (which use ceramic layers), thin-film inductors use **photolithography**. This allows for: * Extremely precise spiral patterns. * Lower parasitic capacitance. * Better performance consistency across production batches. #### B. Frequency Response The HFC series is designed specifically for the **RF (Radio Frequency)** range. It maintains a stable Inductance vs. Frequency curve, making it ideal for circuits operating in the 1GHz to 10GHz range. --- ### 3. Common Applications Due to its 1.0nH value and 0402 size, this part is typically found in: 1. **Impedance Matching:** Used in the RF front-end of smartphones to match the antenna impedance to the power amplifier. 2. **Filter Circuits:** Low-pass or Band-pass filters in Wi-Fi, Bluetooth, and 5G modules. 3. **VCO (Voltage Controlled Oscillators):** Stabilizing high-speed clocks in computing. --- ### 4. Part Number Breakdown (Typical) * **HFC:** Series Code (High Frequency Chip). * **1005:** Dimensions (1.0mm x 0.5mm). * **HT:** Material/Process designation (High Temp/Thin Film). * **1N0 (or 10):** Inductance Value (1.0 nH). * **D/T:** Tolerance level. * **R:** Packaging (Tape and Reel). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between thin-film and wire-wound inductors in RF circuits?
    • ⤷ How does the self-resonant frequency (SRF) affect the performance of this 1.0nH inductor?
    • ⤷ Can this component be replaced with a multilayer inductor of the same value?