データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HFC1005STTDR10

  • AI
    The **HFC1005STTDR10** is a specialized electronic component, specifically a **Thin-Film Chip Inductor**. These parts are designed for high-frequency RF (Radio Frequency) applications where precision and stability are critical. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (like Taiyo Yuden or similar vendors in the RF space). Below is a breakdown of the typical specifications for this series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Thin-Film Chip Inductor | | **Package Size** | 1005 (Metric) / 0402 (Imperial) | | **Inductance** | 1.0 nH (indicated by the "R10" or "10" suffix) | | **Tolerance** | ± 0.1nH or ± 0.2nH (High precision) | | **Quality Factor (Q)** | High (Optimized for RF) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Key Internal Technologies Thin-film technology differs from standard wire-wound or multilayer inductors: * **Photolithography Process:** The coil patterns are formed using photolithography, allowing for extremely precise physical dimensions. This leads to very tight inductance tolerances. * **Material:** It uses a ceramic base or high-quality dielectric substrate to minimize losses at gigahertz (GHz) frequencies. * **Low Parasitics:** The design ensures low distributed capacitance, which results in a high **Self-Resonant Frequency (SRF)**. --- ### 3. Application Areas Due to its small size (0402) and high-frequency performance, the HFC1005STTDR10 is commonly found in: 1. **Mobile Communications:** Smartphones (LTE, 5G), Wi-Fi modules, and Bluetooth circuits. 2. **Impedance Matching:** Used in RF front-end modules to match the impedance between the antenna and the power amplifier. 3. **VCOs:** Voltage Controlled Oscillators where frequency stability is paramount. 4. **Filters:** High-pass or low-pass RF filters. --- ### 4. Comparison Table: Thin-Film vs. Multilayer Inductors | Feature | Thin-Film (HFC Series) | Multilayer Inductor | | :--- | :--- | :--- | | **Precision** | Excellent (Tight tolerance) | Moderate | | **Size** | Ultra-miniature | Miniature | | **SRF** | Very High | High | | **Cost** | Higher | Lower | ---
    ✨ Follow-up Questions
    • ⤷ What is the Self-Resonant Frequency (SRF) for this specific 1.0nH inductor?
    • ⤷ How does the 1005 package size affect PCB layout requirements?
    • ⤷ Can this inductor be used in high-power RF transmission stages?