データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HFE22-ASLASH48-H1T22-R

  • AI
    The **HFE22-AS/48-H1T22-R** is a specific model of a **High Voltage DC (HVDC) Contactor** or Power Relay, typically manufactured by companies like **Hongfa**. These components are critical in New Energy Vehicles (EVs) and renewable energy systems for switching high-power circuits. ### 1. Part Number Breakdown (Technical Specifications) Based on standard nomenclature for this series, here is the technical breakdown of the part: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **HFE22** | Series Name | High Voltage DC Contactor Series | | **AS** | Type | Sealed (Epoxy/Inert Gas filled) for arc quenching | | **48** | Coil Voltage | 48V DC Control Circuit | | **H** | Contact Form | 1 Form A (Normally Open / SPST-NO) | | **1** | Mounting | Type 1 (Standard mounting bracket/flange) | | **T** | Terminal Type | Threaded/Bolt terminals for high current | | **22-R** | Custom Suffix | Specific internal revision or RoHS compliance code | --- ### 2. Key Electronic Features #### A. Arc Extinguishing Chamber Because DC current does not have a "zero-crossing" point (unlike AC), an arc formed during disconnection can be persistent and destructive. This part uses a **sealed ceramic/epoxy chamber** filled with inert gas to safely extinguish high-voltage arcs. #### B. High Current/Voltage Handling * **Main Contact Voltage:** Typically rated for up to **450V DC - 750V DC**. * **Continuous Current:** Usually rated for around **20A to 50A** (depending on the specific sub-frame size of the HFE22 series). * **Short-term Carry:** Can handle significantly higher surge currents for brief periods (e.g., during motor startup). #### C. Polarized Contacts Most contacts in this series are **polarized**. This means the "Load +" and "Load -" must be connected correctly as internal permanent magnets are used to "blow" the arc away from the contact points. --- ### 3. Application Areas These parts are industrial-grade and designed for environments where reliability is non-negotiable: 1. **Electric Vehicles (EV/PHEV):** Used in the Battery Management System (BMS) to disconnect the battery pack from the inverter in case of emergency or shutdown. 2. **Charging Stations:** Acts as the physical switch between the grid and the vehicle's battery. 3. **Solar Inverters:** Used to switch the high-voltage DC strings coming from PV panels. 4. **Energy Storage Systems (ESS):** Controls the flow of energy between large battery banks and the power grid. --- ### 4. Summary Table | Parameter | Value (Typical) | | :--- | :--- | | **Coil Power** | ~3.0W to 4.0W | | **Contact Resistance** | ≤ 2.0 mΩ | | **Dielectric Strength** | 2500V AC (between coil and contacts) | | **Operating Temp** | -40°C to +85°C | | **Mechanical Life** | 200,000 operations | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a polarized and non-polarized DC contactor?
    • ⤷ How does the 48V coil voltage affect the wiring of the control circuit?
    • ⤷ What are the common failure modes for high-voltage DC relays?