データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HFE359-3DT2-R

  • AI
    ## Overview of HFE359-3DT2-R The **HFE359-3DT2-R** is a high-performance **Fiber Optic Transmitter** module manufactured by Finisar (now part of II-VI Incorporated). It is specifically designed for high-speed data communications over multimode optical fibers. --- ### 1. Core Electronic Specifications The performance of this component is defined by its electrical-to-optical conversion capabilities. | Parameter | Specification | Notes | | :--- | :--- | :--- | | **Component Type** | VCSEL (Vertical Cavity Surface Emitting Laser) | High efficiency, low power | | **Data Rate** | Up to 2.125 Gbps | Supports Fibre Channel & Gigabit Ethernet | | **Wavelength** | 850 nm | Standard for Multimode Fiber (MMF) | | **Forward Current** | 5 mA to 15 mA | Typical operating range | | **Package Style** | TO-46 Header | Compact, metal can packaging | | **Output Power** | -9 to -3 dBm | Typical coupled power into 50/125µm fiber | --- ### 2. Key Internal Components The "Electronic Parts" within this module consist of a sophisticated semiconductor stack: 1. **VCSEL Die:** The heart of the transmitter. Unlike edge-emitting lasers, the VCSEL emits light perpendicular to the top surface, allowing for higher density and easier testing. 2. **Monitor Photodiode (MPD):** Integrated within the package to provide internal feedback. This allows the driving circuit to adjust the bias current to maintain a constant optical output power as temperature fluctuates. 3. **Optical Interface:** Features a plastic or glass lens (depending on the specific sub-variant) to focus the laser beam into the fiber core. --- ### 3. Application & Circuit Integration Integrating the HFE359-3DT2-R requires specific electronic design considerations: * **Differential Driving:** While the laser itself is a diode, high-speed data is usually delivered via a differential laser driver IC to minimize EMI. * **ESD Sensitivity:** As a Class 1M laser product, it is highly sensitive to Electrostatic Discharge. Proper grounding is required during assembly. * **Thermal Management:** Though VCSELs are efficient, heat dissipation through the TO-46 metal housing is necessary to prevent wavelength drift. --- ### 4. Part Number Breakdown * **HFE:** High-speed Fiber Emitter. * **359:** Series designation (850nm VCSEL family). * **3DT:** Specific packaging/lens configuration (often denoting a TO-46 with a specific focal length or window). * **R:** RoHS Compliant.
    ✨ Follow-up Questions
    • ⤷ What are the recommended laser driver ICs for the HFE359 series?
    • ⤷ How does the monitor photodiode feedback loop work in this circuit?
    • ⤷ What is the difference between this VCSEL and a standard LED for fiber optics?