データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HFE6-BSLASH24-2HT1-R

  • AI
    The **HFE6-B/24-2HT1-R** is a specific model of a **Bistable (Latching) Power Relay** manufactured by Hongfa. These relays are widely used in smart meters, lighting control, and industrial automation due to their ability to maintain their state without continuous power. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics of the component: | Code | Description | Meaning | | :--- | :--- | :--- | | **HFE6** | Series Name | High-power latching relay series | | **B** | Version | Magnetic Latching version | | **24** | Coil Voltage | 24V DC Nominal | | **2** | Number of Coils | Dual Coil (Double winding) | | **H** | Contact Form | Form A (Normally Open) | | **T** | Contact Material | AgSnO₂ (Silver Tin Oxide) | | **1** | Load Rating | 60A Switching capability | | **R** | Polarization | Specific polarity/RoHS compliance indicator | --- ### 2. Key Technical Specifications The HFE6 series is designed for high-current applications where energy efficiency is critical. * **Contact Rating:** Up to 60A at 250VAC. * **Coil Type:** Latching (Double Coil). This means one coil "sets" the relay and the other "resets" it. It only requires a short pulse of electricity (usually ~50ms) to switch states. * **Dielectric Strength:** Typically 4,000VAC between coil and contacts, providing high safety insulation. * **Mechanical Life:** 1,000,000 operations. * **Contact Resistance:** $\le$ 2m$\Omega$ (initial), which minimizes heat generation during high current flow. --- ### 3. Functional Features #### A. Energy Efficiency Unlike standard relays that require constant current to stay "on," this latching relay uses permanent magnets to hold the contacts in place. It consumes **zero power** in a steady state. #### B. High Inrush Resistance The **AgSnO₂** contact material is specifically chosen for its resistance to "welding." This makes the relay suitable for loads with high inrush currents, such as LED drivers, motors, or capacitive power supplies. #### C. Manual Switch (Optional in series) Many HFE6 models include a manual lever on the housing, allowing technicians to override the state of the relay manually for maintenance or testing. --- ### 4. Typical Applications * **Smart Meters:** Used for remote disconnect/reconnect of electrical services. * **IoT Lighting:** Controlling large banks of LED lights in commercial buildings. * **EV Charging:** Power switching in Level 1 or Level 2 chargers. * **Solar Inverters:** Managing the connection between the grid and the inverter.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a single-coil and a double-coil latching relay in terms of wiring?
    • ⤷ How do I calculate the pulse duration required to trigger this relay?
    • ⤷ Can this relay be used in DC switching applications
    • ⤷ or is it strictly for AC?