データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HFMP1005-R72M

  • AI
    The **HFMP1005-R72M** is a high-performance, molded power inductor typically used in power management circuits. It is designed for high-density applications due to its small footprint and efficient power handling capabilities. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's specifications: | Segment | Meaning | Description | | :--- | :--- | :--- | | **HFMP** | Series | High-Frequency Molded Power Inductor | | **1005** | Case Size | Dimensions (Metric: 1.0mm x 0.5mm / Inch: 0402) | | **R72** | Inductance | 0.72 µH (R denotes the decimal point) | | **M** | Tolerance | ±20% | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer (e.g., Chilisin or similar), the general specs for this class of component are: * **Inductance:** 0.72 µH * **DC Resistance (DCR):** Typically low to minimize power loss and heat generation. * **Saturation Current ($I_{sat}$):** The current level where inductance drops by a specific percentage (usually 30%). * **Rated Current ($I_{rms}$):** The maximum continuous current based on temperature rise (usually 40°C). * **Operating Temperature:** Generally ranges from -40°C to +125°C. --- ### 3. Construction and Features * **Molded Structure:** The inductor is encapsulated in a metal powder composite. This provides excellent magnetic shielding, reducing Electromagnetic Interference (EMI). * **Low Profile:** The 1005 (0402) size makes it ideal for ultra-thin devices. * **High Efficiency:** Designed for high switching frequencies, allowing for smaller output capacitors in DC-DC converters. --- ### 4. Common Applications The HFMP1005-R72M is found in miniaturized electronics where space is at a premium: * **Smartphones & Tablets:** For CPU and GPU core power supplies. * **Wearables:** Smartwatches and fitness trackers. * **IoT Modules:** Compact wireless sensors. * **SSD/Storage:** Power rails for solid-state drives. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the HFMP1005-R72M?
    • ⤷ How does the saturation current affect the performance of this inductor in a buck converter?
    • ⤷ What is the recommended solder profile for 0402 molded inductors?