データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HG2458CU-1-RTP

  • AI
    The **HG2458CU-1-RTP** is a high-performance, dual-band omnidirectional antenna manufactured by L-com (HyperLink). It is designed for wireless networking applications, specifically focusing on Wi-Fi (802.11a/b/g/n/ac) and IoT deployments. --- ### 1. Key Technical Specifications The "electronic parts" of this component refer to its internal radiating elements and RF (Radio Frequency) characteristics. | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 2400-2500 MHz / 5150-5850 MHz | | **Gain** | 3 dBi (2.4 GHz) / 5 dBi (5.8 GHz) | | **Polarization** | Vertical | | **Impedance** | 50 Ohm | | **Max Input Power** | 10 Watts | | **Connector Type** | RP-TNC Plug (Reverse Polarity TNC) | --- ### 2. Physical and Material Construction The performance of the antenna is derived from its internal copper-based radiating elements and its protective housing. * **Radiating Element:** High-conductivity copper/brass elements optimized for dual-band resonance. * **Radome Material:** White UV-resistant ABS plastic, which protects the internal electronics from environmental degradation without interfering with signal propagation. * **Integrated Swivel:** The base includes a 90-degree tilt and swivel joint, allowing for precise orientation to improve signal polarity alignment. --- ### 3. Electronic Design Features The HG2458CU-1-RTP utilizes specific design principles to achieve its performance: 1. **Dual-Band Operation:** Unlike single-band antennas, this part contains internal matching circuits that allow it to operate efficiently at both 2.4 GHz and 5.8 GHz simultaneously. 2. **Omnidirectional Pattern:** The internal geometry is designed to radiate energy in a 360-degree horizontal pattern, making it ideal for access points located in the center of a room or office. 3. **RP-TNC Interface:** The "RTP" suffix indicates a **Reverse Polarity TNC** connector. This is a common electronic interface used specifically by Cisco and other enterprise-grade wireless hardware to comply with local regulatory standards. --- ### 4. Common Applications * Enterprise Wi-Fi Access Points (Cisco, Linksys, etc.). * Bluetooth devices and ZigBee hubs. * Industrial IoT (IIoT) sensors. * Wireless Mesh Networks.
    ✨ Follow-up Questions
    • ⤷What is the difference between an RP-TNC and a standard TNC connector?
    • ⤷ How does the gain (dBi) affect the signal range of this antenna?
    • ⤷ Can this antenna be used outdoors in harsh weather?