データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HJM-1A-R

  • AI
    The **HJM-1A-R** is an electronic component primarily classified as a **High-Voltage Reed Relay**. It is designed for switching applications where high isolation and reliability are required, often used in medical equipment, test instruments, and industrial control systems. --- ### 1. Key Technical Specifications The following table highlights the general electrical and mechanical characteristics of the HJM-1A-R series: | Characteristic | Specification (Typical) | | :--- | :--- | | **Contact Form** | 1 Form A (SPST-NO - Normally Open) | | **Switching Voltage** | Up to 10,000V DC (10kV) | | **Switching Current** | 0.5A to 3.0A (Model dependent) | | **Carry Current** | Up to 5.0A | | **Contact Resistance** | < 150 mΩ | | **Insulation Resistance** | > 10¹⁰ Ω | | **Dielectric Strength** | 10kV to 15kV DC (between open contacts) | | **Operating Temperature** | -20°C to +85°C | --- ### 2. Internal Construction The HJM-1A-R consists of several critical internal parts: * **Reed Switch:** A hermetically sealed glass envelope containing two ferromagnetic blades. These are usually plated with rhodium or tungsten to withstand high-voltage arcing. * **Electromagnetic Coil:** Wound around the reed switch. When energized, it creates a magnetic field that pulls the reed blades together to close the circuit. * **Encapsulation:** The entire assembly is typically potted in an epoxy resin or housed in a plastic casing to provide structural integrity and insulation against high-voltage leakage. * **Terminals:** PCB-mount or lead-wire pins for integration into a circuit board. --- ### 3. Operating Principle 1. **De-energized State:** The reed contacts are separated by a small gap. Due to the vacuum or inert gas inside the glass tube, the relay can withstand thousands of volts without current jumping the gap. 2. **Energized State:** DC current flows through the coil. The resulting magnetic flux magnetizes the reeds with opposite polarities, causing them to attract and touch, completing the high-voltage circuit. 3. **Release:** When coil power is removed, the mechanical tension in the reeds snaps them back to the open position. --- ### 4. Applications The HJM-1A-R is commonly found in: * **Defibrillators:** Switching high-energy pulses to paddles. * **Cable Testers:** Performing insulation resistance tests (Hi-Pot testing). * **Mass Spectrometers:** Managing high-voltage power supplies. * **Laser Systems:** Triggering high-energy discharge circuits.
    ✨ Follow-up Questions
    • ⤷ What are the specific coil voltage options available for the HJM-1A-R?
    • ⤷ How does a reed relay compare to a solid-state relay for high-voltage switching?
    • ⤷ What precautions should be taken when PCB-mounting high-voltage relays?