データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HM-3-R

  • AI
    The **HM-3-R** is a high-performance, ultra-compact **GPS/GNSS module** designed primarily for integration into IoT devices, drones, and portable electronics. It is based on the MediaTek chipset architecture and is known for its low power consumption and high sensitivity. --- ### 1. Technical Specifications The following table outlines the core electronic and performance characteristics of the HM-3-R module: | Parameter | Specification | | :--- | :--- | | **Chipset** | MediaTek MT3333 / MT3339 series (Variant dependent) | | **Frequency Bands** | GPS L1, GLONASS L1, QZSS L1, BEIDOU B1 | | **Input Voltage** | 3.0V to 4.3V (Typical: 3.3V) | | **Sensitivity** | -165 dBm (Tracking), -148 dBm (Acquisition) | | **Accuracy** | < 2.5m CEP (without SBAS) | | **Interface** | UART (Serial), I2C | | **Power Consumption** | ~20mA (Tracking), ~25mA (Acquisition) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Key Electronic Components The HM-3-R consists of several critical internal components that allow it to process satellite signals efficiently: * **RF Front-End (LNA):** Includes a Low Noise Amplifier to boost weak signals from satellites while filtering out electromagnetic interference. * **TCXO (Temperature Compensated Crystal Oscillator):** Essential for maintaining frequency stability across extreme temperature ranges, ensuring fast signal locking (TTFF). * **SAW Filter:** A Surface Acoustic Wave filter is integrated to block out-of-band interference, crucial for performance in urban environments. * **RTC (Real-Time Clock):** Allows the module to maintain time even when the main power is disconnected (via a backup battery), enabling "Hot Starts." --- ### 3. Pinout and Connectivity To integrate the HM-3-R, engineers typically interact with the following pins: 1. **VCC:** Main power supply input. 2. **GND:** Ground connection. 3. **TX/RX:** UART communication pins for sending NMEA data to a microcontroller (e.g., Arduino, ESP32). 4. **PPS (Pulse Per Second):** A highly accurate time-pulse output used for time synchronization applications. 5. **V_BCKP:** Backup battery input to retain satellite ephemeris data in memory. --- ### 4. Implementation Example (UART) Communication with the HM-3-R is standardized using the NMEA-0183 protocol. Below is a conceptual representation of the serial data output: ```c // Typical NMEA Sentence from HM-3-R $GPRMC,123519,A,4807.038,N,01131.000,E,022.4,084.4,230394,003.1,W*6A ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the power management modes available for the HM-3-R?
    • ⤷ How does the SAW filter improve performance in high-interference environments?
    • ⤷ What is the typical Time To First Fix (TTFF) for this module?