データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HM-Z-R

  • AI
    ### Overview of the HM-Z-R The **HM-Z-R** is typically a high-precision, industrial-grade **linear displacement sensor** (potentiometer type). It is used to measure the physical movement or position of a mechanical component by converting linear travel into a variable electrical signal. --- ### 1. Key Electronic Components The internal structure of the HM-Z-R consists of several critical electronic elements that work together to provide position feedback: | Component | Function | | :--- | :--- | | **Resistive Element** | A high-durability conductive plastic track that provides the base resistance. | | **Wiper (Slider)** | A multi-finger metal contact that moves along the track to pick up the voltage signal. | | **Connecting Rod** | The physical interface that moves the wiper according to the external machine part. | | **Terminals** | Usually a 3-pin configuration (Input, Output/Signal, Ground). | | **Integrated Circuitry** | Internal buffering or signal conditioning to ensure a linear output. | --- ### 2. Electrical Specifications While specific models vary, the electronic characteristics generally follow these standards: * **Resistance Values:** Commonly 1kΩ, 5kΩ, or 10kΩ. * **Linearity:** Extremely high precision (often ±0.05% to ±0.1%). * **Resolution:** Theoretically infinite, limited only by the noise floor of the reading electronics. * **Operating Voltage:** Typically 5V to 24V DC, depending on the controller interface. * **Output Signal:** Analog voltage (0-Vcc) or, if equipped with a converter, 4-20mA or 0-10V. --- ### 3. Wiring Diagram Logic The HM-Z-R functions as a **Voltage Divider**. Below is the standard electronic wiring logic for the 3-pin connector: ```markdown Pin 1: VCC (+) ----> Positive Power Supply Pin 2: Signal Out -> Analog Input of PLC/Controller Pin 3: GND (-) ----> Ground/Negative Power Supply ``` --- ### 4. Electronic Protection Features To operate in industrial environments, the HM-Z-R includes specific electronic safeguards: 1. **EMI Shielding:** The metal housing acts as a Faraday cage to prevent electromagnetic interference from affecting the signal. 2. **Low Temperature Drift:** The resistive track is designed to maintain consistent resistance regardless of thermal changes. 3. **High Cycle Life:** The electronic contacts are designed for millions of strokes without signal degradation.
    ✨ Follow-up Questions
    • ⤷ What is the maximum stroke length available for the HM-Z-R series?
    • ⤷ How do I calibrate the analog output for a PLC?
    • ⤷ Can this sensor be converted to a digital RS485 signal?