データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HMC974LC3CTR-R5

  • AI
    ### HMC974LC3CTR-R5: High-Speed Silicon Germanium (SiGe) Window Comparator The **HMC974LC3CTR-R5** is a high-speed window comparator produced by Analog Devices (formerly Hittite Microwave Corporation). It is specifically designed to detect if an input signal falls within a predefined voltage "window." --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Type** | Window Comparator (Differential) | | **Propagation Delay** | 130 ps (Typical) | | **Maximum Data Rate** | 10 Gbps | | **Window Range** | -2.0V to +2.0V | | **Input Bandwidth** | 10 GHz | | **Supply Voltage** | -3.3 V | | **Package Type** | 16-Lead LCC (3x3 mm) | --- ### 2. Core Functional Components The internal architecture of the HMC974LC3CTR-R5 consists of several critical electronic stages: 1. **Dual Differential Comparators:** The chip contains two high-speed comparators. One monitors the upper threshold ($V_{REF\_HI}$) and the other monitors the lower threshold ($V_{REF\_LO}$). 2. **Logic Gating:** The outputs of these two comparators are combined using high-speed logic to determine if the input signal ($V_{IN}$) satisfies the condition: $V_{REF\_LO} < V_{IN} < V_{REF\_HI}$. 3. **Output Driver:** It features CML (Current Mode Logic) differential outputs. This allows for high-speed data transmission with minimal electromagnetic interference (EMI) and power consumption. 4. **Latching Mechanism:** It includes a "Latch Enable" feature, allowing the device to hold the comparison result based on a clock signal, making it suitable for high-speed sampling systems. --- ### 3. Application Areas The ultra-low propagation delay and high bandwidth make this part essential for high-performance electronics: * **Pulse Height Analysis:** Used in nuclear and particle physics to categorize the energy of incoming particles based on pulse amplitude. * **Clock and Data Recovery (CDR):** Ensuring signal integrity in high-speed telecommunications. * **High-Speed Over-Voltage Protection:** Protecting sensitive downstream RF components by triggering an alert if a signal exceeds safe limits. * **Automated Test Equipment (ATE):** High-speed waveform analysis and testing of semiconductors. --- ### 4. Implementation Considerations * **Thermal Management:** Due to its 10 GHz operation, the device generates significant heat relative to its size. The 16-lead LCC package requires a solid ground plane for heat dissipation. * **Impedance Matching:** The CML outputs must be terminated with 50-ohm resistors to a proper pull-up voltage to prevent signal reflections. * **Threshold Stability:** Reference voltages ($V_{REF}$) must be extremely stable; even microvolt-level noise on the reference pins can cause "chatter" or false triggering at the output. ---
    ✨ Follow-up Questions
    • ⤷ What is the power consumption of the HMC974LC3CTR-R5 during full-speed operation?
    • ⤷ How does the 'Latch Enable' pin specifically affect the output timing?
    • ⤷ Can this comparator be used with single-ended inputs
    • ⤷ or must it be differential?