データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HMS-3-R/K

  • AI
    The **HMS-3-R/K** is a specialized electronic component, typically categorized as a **Surface Mount (SMD) Mixer** or a frequency transformation component, often manufactured by companies like Mini-Circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The HMS-3-R/K is a high-reliability, frequency mixer designed for RF (Radio Frequency) applications. Its primary job is to shift signals from one frequency to another through a non-linear process. ### Technical Specifications Table | Feature | Specification (Typical) | | :--- | :--- | | **Frequency Range (LO/RF)** | 5 MHz to 500 MHz | | **Frequency Range (IF)** | DC to 500 MHz | | **Conversion Loss** | 5.5 dB to 7.0 dB | | **LO Power Level** | Class 7 (+7 dBm) | | **Isolation (L-R)** | 40 dB to 50 dB | | **Package Type** | Case Style: RRR137 (SMD) | --- ## 2. Key Internal Electronic Parts The internal architecture of this component relies on a **Double Balanced Mixer** design, which consists of three main segments: ### A. The Diode Ring * **Composition:** Four matched Schottky barrier diodes. * **Function:** Acts as the switching core. In the "R/K" variant, these are high-grade silicon diodes optimized for low noise and high thermal stability. ### B. RF Transformers (Baluns) * **Type:** Ferrite core wire-wound transformers. * **Purpose:** These perform "balanced to unbalanced" conversion. They ensure that the local oscillator (LO) and radio frequency (RF) signals are isolated from each other and from the intermediate frequency (IF) output. ### C. Termination / Housing * **Lead Finish:** The "R" in the suffix often denotes **RoHS compliance** (Lead-free), while the "K" typically refers to the specific tape-and-reel packaging or a minor variation in lead plating (e.g., Tin/Silver/Copper). --- ## 3. Pin Configuration For standard SMD integration, the part usually follows a 6-pin layout: ```text Pin 1: LO (Local Oscillator Input) Pin 2: Case Ground Pin 3: RF (Radio Frequency Input) Pin 4: IF (Intermediate Frequency Output) Pin 5: Ground Pin 6: Ground ``` --- ## 4. Application Use Cases Due to its robust electronic design, the HMS-3-R/K is used in: * **Up-converters/Down-converters:** In cellular base stations. * **Instrumentation:** Signal generators and spectrum analyzers. * **VHF/UHF Transceivers:** Used in high-reliability communication sets.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an active and a passive mixer like the HMS-3-R/K?
    • ⤷ How does the 'Conversion Loss' parameter affect the overall system gain?
    • ⤷ What are the soldering requirements for the RRR137 SMD package?