データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HMS50-12-R

  • AI
    The **HMS50-12-R** is a high-performance, chassis-mounted, AC-to-DC switching power supply manufactured by **TDK-Lambda**. It is designed for industrial applications requiring high reliability and a compact footprint. --- ### 1. Key Technical Specifications The HMS series is known for its "Hi-Rel" (High Reliability) design. Below are the primary electronic parameters for the HMS50-12-R: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 85 - 265 VAC (Universal Input) | | **Output Voltage** | 12V DC | | **Output Current** | 4.2 A | | **Total Output Power** | 50.4 Watts | | **Efficiency** | Typically 82% - 85% | | **Cooling** | Convection (No fan required) | | **Operating Temperature** | -10°C to +70°C (with derating) | --- ### 2. Electronic Components & Features The HMS50-12-R utilizes several critical internal electronic segments to ensure stable power delivery: * **Switching Regulator:** Uses a High-Frequency switching topology to convert AC to DC with minimal energy loss. * **EMI Filter:** Includes built-in line filters to suppress electromagnetic interference, meeting Class B standards for conducted emissions. * **Protection Circuitry:** * **Overcurrent Protection:** Automatically limits current to prevent damage during a short circuit. * **Overvoltage Protection:** Clamps the output voltage if internal regulation fails to protect sensitive downstream electronics. * **Capacitors:** High-grade electrolytic capacitors are used to ensure a long service life (often rated for 10+ years under specific load conditions). --- ### 3. Physical & Mechanical Properties The "R" suffix often indicates specific mounting or terminal configurations (typically a right-angle or specific terminal block style depending on the regional datasheet revision). | Feature | Description | | :--- | :--- | | **Dimensions** | Approx. 37 x 82 x 120 mm | | **Terminal Type** | Screw terminals for secure wiring | | **Mounting** | Chassis mount (Optional DIN Rail brackets available) | --- ### 4. Application Areas Because of its high MTBF (Mean Time Between Failures), this part is commonly found in: 1. **Industrial Automation:** Powering PLCs and sensors. 2. **Telecommunications:** Reliable DC bus power for networking hardware. 3. **Medical Equipment:** (Non-critical diagnostic tools requiring stable DC). 4. **Test & Measurement:** Providing low-ripple power for laboratory instruments.
    ✨ Follow-up Questions
    • ⤷ What is the derating curve for the HMS50-12-R at temperatures above 50°C?
    • ⤷ Are there alternative models in the HMS series with higher wattage?
    • ⤷ How does the 'R' suffix specifically change the terminal layout compared to the standard model?