データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HPA-10-R

  • AI
    The **HPA-10-R** is a high-performance, high-voltage operational amplifier (Op-Amp) manufactured by **Apex Microtechnology**. It is designed specifically for applications requiring high speed, high voltage, and high output current. --- ### 1. Key Technical Specifications The following table highlights the core electronic characteristics of the HPA-10-R: | Feature | Specification (Typical) | | :--- | :--- | | **Supply Voltage** | Up to $\pm$450V | | **Output Current** | 100mA (Peak) | | **Slew Rate** | 100 V/$\mu$s | | **Bandwidth** | 10 MHz | | **Power Dissipation** | 40 Watts | | **Package Type** | TO-3 (Hermetic Metal Can) | --- ### 2. Internal Architecture and Components The HPA-10-R is a **hybrid integrated circuit**, meaning it combines discrete components and integrated circuits on a single substrate to achieve performance levels impossible for standard monolithic chips. #### A. Input Stage * **FET Input:** It typically utilizes Field Effect Transistors (FETs) at the input. This ensures very low input bias currents, making it suitable for high-impedance sensors. * **Drift Compensation:** Internal circuitry is laser-trimmed to minimize offset voltage and thermal drift. #### B. Gain and Driver Stage * This stage provides the voltage gain necessary to swing the output across the high-voltage rails. * It includes frequency compensation components to maintain stability despite the high slew rate. #### C. Power Output Stage * **Complementary MOSFETs/BJTs:** The output stage uses robust power transistors capable of handling high voltage without breakdown. * **Current Limiting:** The device includes internal protection to prevent damage from short circuits or excessive thermal loads. --- ### 3. Application Use Cases Because of its unique electronic profile, the HPA-10-R is used in specialized fields: * **Piezoelectric Positioning:** Driving piezo actuators that require high voltage to expand/contract. * **Electrostatic Deflection:** Used in electron beam or ion beam steering systems. * **High Voltage Instrumentation:** Precise signal amplification in scientific testing equipment. * **Optical Modulators:** Driving Pockels cells or other high-speed optical components. --- ### 4. Critical Design Considerations When integrating this part into a circuit, engineers must account for: 1. **Heat Sinking:** Due to the 40W power dissipation, a substantial heatsink is required to prevent thermal shutdown. 2. **External Capacitance:** High voltage circuits are sensitive to stray capacitance, which can cause oscillation. 3. **Power Supply Decoupling:** High-quality ceramic capacitors must be placed very close to the supply pins to handle the fast switching transients.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the TO-3 package on the HPA-10-R?
    • ⤷ How does the HPA-10-R compare to the PA10 model in terms of voltage limits?
    • ⤷ What are the recommended protection diodes for the output stage of this amplifier?