データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HPA-12-R

  • AI
    The **HPA-12-R** is a specific electronic component, typically categorized as a **High-Voltage Power Supply (HVPS)** or a precision high-voltage amplifier module. These units are commonly used in industrial and scientific applications where stable, regulated high voltage is required. --- ### 1. General Specifications The HPA series is often associated with manufacturers like *Matsusada Precision* or similar industrial power specialists. Below are the typical electronic characteristics of this model: | Feature | Specification (Typical) | | :--- | :--- | | **Output Voltage** | 0 to 12 kV (Kilovolts) | | **Output Current** | Varies by sub-model (often in the mA range) | | **Polarity** | Reversible (indicated by the "-R" suffix) | | **Input Voltage** | Typically 24V DC or AC mains depending on the chassis | | **Control Interface** | Analog (0-10V) or Digital (RS-232/USB options) | --- ### 2. Key Electronic Components & Internal Design The internal architecture of an HPA-12-R relies on high-frequency switching technology to achieve high voltage in a compact form factor. #### A. High-Frequency Inverter * **Purpose:** Converts the DC input into a high-frequency AC signal. * **Parts:** Uses Power MOSFETs or IGBTs. High frequency allows for smaller magnetic components (transformers). #### B. Step-Up Transformer * **Purpose:** The core component that increases the voltage from tens of volts to several kilovolts. * **Design:** Specially insulated windings to prevent internal arcing at 12kV. #### C. Cockcroft-Walton Multiplier (Voltage Doubler) * **Purpose:** Further rectifies and multiplies the AC voltage from the transformer into a stable DC output. * **Parts:** High-voltage diodes and ceramic capacitors. #### D. Feedback & Control Loop * **Purpose:** Ensures the output voltage remains constant regardless of load changes. * **Parts:** High-precision resistor dividers (sensing) and an Op-Amp based error amplifier. --- ### 3. Critical Safety & Protection Features Because 12,000 volts is lethal and can damage sensitive equipment, the HPA-12-R includes integrated protection electronics: 1. **Arc Protection:** Detects rapid discharge (sparks) and momentarily shuts down the output to prevent damage. 2. **Short Circuit Protection:** Current-limiting resistors and electronic sensing prevent the unit from burning out if the output is grounded. 3. **Low Ripple Circuitry:** Filter stages (Inductors/Capacitors) ensure the output signal is "clean" for sensitive measurement tools. --- ### 4. Common Applications The electronics of the HPA-12-R are optimized for: * **Electrospinning:** Creating nanofibers. * **Mass Spectrometry:** Ion acceleration. * **Electrostatic Precipitators:** Removing particles from air. * **Electron Beam Sources:** Providing the bias for CRT or X-ray tubes.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the -R suffix in high-voltage power supplies?
    • ⤷ How do you interface an HPA-12-R with a PLC for remote control?
    • ⤷ What safety precautions are necessary when wiring a 12kV output?