データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HPV-2-R/P7

  • AI
    The **HPV-2-R/P7** refers to a high-performance proportional valve driver, typically manufactured by companies like **Wandfluh** or specialized hydraulic control providers. These devices act as the electronic bridge between a programmable logic controller (PLC) and a hydraulic proportional valve. ### 1. Key Electronic Components and Functions | Component | Description | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | The "brain" of the unit. | Processes input signals and calculates the required output current using PID algorithms. | | **PWM Output Stage** | Pulse Width Modulation driver. | Converts DC power into a high-frequency switched signal to control the solenoid coil. | | **Current Sensor** | Internal shunt resistor or Hall effect sensor. | Monitors the actual current flowing through the valve to ensure precision (Closed-loop control). | | **Input Signal Interface** | Analog/Digital input terminals. | Accepts 0-10V, 4-20mA, or digital bus signals from the master controller. | | **Status LEDs** | Light Emitting Diodes. | Provide visual feedback on power, signal errors, or solenoid short-circuits. | --- ### 2. Technical Specifications (Typical) The "P7" designation often refers to specific parameter sets or plug-in configurations. Below are the standard electronic parameters: * **Supply Voltage:** 12V DC or 24V DC (Typically ranges from 10V to 30V). * **Command Signal:** Adjustable via jumpers or software (0…+10 V / 4…20 mA). * **Max Output Current:** Up to 2.5A (Depending on the specific solenoid resistance). * **Dither Frequency:** Adjustable (usually 40 Hz – 400 Hz) to prevent valve stiction (mechanical sticking). * **Ramp Times:** Adjustable (0.1s to 10s) for smooth acceleration and deceleration of the hydraulic flow. --- ### 3. Connection Pinout (General Overview) Most HPV-2 units utilize a standard DIN plug or a terminal strip. 1. **Positive Supply (+):** Main DC power input. 2. **Ground (GND):** Common return path. 3. **Reference Voltage:** Often provides a +10V output for external potentiometers. 4. **Command Input:** The control signal from the PLC. 5. **Solenoid Outputs (A/B):** Direct connection to the proportional solenoid coils. ### 4. Electronic Protection Features The HPV-2-R/P7 is designed for rugged industrial environments and includes: * **Short-Circuit Protection:** Shuts down the output if the solenoid coil fails. * **Reverse Polarity Protection:** Prevents damage if the power supply wires are swapped. * **Overload Protection:** Limits current to prevent thermal damage to the internal PCB. ---
    ✨ Follow-up Questions
    • ⤷How do I adjust the dither frequency on this specific model?
    • ⤷ What is the difference between the 'R' and 'P7' variants in the part number?
    • ⤷ Can this driver be configured via USB or only through onboard potentiometers?