データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HRS-53-R

  • AI
    The **HRS-53-R** is a specific model of a **Miniature Intermediate Power Relay** commonly manufactured by brands like **HKE** or **Songle** (often as a cross-reference). It is widely used in home appliances, office equipment, and industrial control systems due to its compact size and high switching capacity. --- ### 1. Technical Specifications Table Below are the key electronic characteristics of the HRS-53-R relay: | Parameter | Specification | | :--- | :--- | | **Contact Form** | 1 Form A (SPST-NO) or 1 Form C (SPDT) | | **Contact Material** | AgSnO₂ (Silver Tin Oxide) or AgNi | | **Max Switching Current** | 5A to 10A (Depending on specific load type) | | **Max Switching Voltage** | 250VAC / 30VDC | | **Coil Rated Voltage** | 3V, 5V, 6V, 9V, 12V, 24V DC (Common variants) | | **Coil Power Consumption** | Approx. 0.20W to 0.45W (High sensitivity available) | | **Insulation Resistance** | 100MΩ Min. (at 500VDC) | | **Dielectric Strength** | 1,000VAC (between open contacts) / 2,500VAC (coil to contact) | --- ### 2. Component Structure The HRS-53-R consists of several internal electronic and mechanical parts: * **Electromagnetic Coil:** The control side of the relay. When DC current flows through this copper coil, it creates a magnetic field. * **Armature:** A moving lever attracted by the coil's magnetic field. * **Contacts:** The "switch" part. It usually features a high-conductivity coating to prevent "pitting" or welding during high-current switching. * **Spring Mechanism:** Ensures the contacts return to their original position (Normally Closed/Open) when power is removed from the coil. * **Sealed Housing:** Typically "Wash Tight" or "Flux Proof," allowing the component to be cleaned on a PCB after soldering. --- ### 3. Pinout Configuration While variants exist, the standard footprint follows a common industrial layout: ```text Top View Diagram (Representative): _________ | 1 2 | <-- Coil Pins | | | 3 4 | <-- Switching Contacts (Common / NO / NC) |_________| ``` ### 4. Typical Applications * **Home Automation:** Controlling lights or smart plugs. * **HVAC:** Powering fans or small motors in air conditioning units. * **Security Systems:** Triggering alarms or door locks. * **Industrial:** Interface relays between PLCs and actuators.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 5A and 10A versions of this relay?
    • ⤷ How do I choose the correct coil voltage for my circuit?
    • ⤷ Can this relay be used for switching AC inductive loads like motors?