データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HRS-63-R

  • AI
    The **HRS-63-R** typically refers to a high-performance **Rotary Actuator** or **Rotary Indexer** often used in industrial automation and CNC machinery. These components are critical for precise positioning and motion control. Below is a breakdown of its electronic and electromechanical characteristics. ### 1. Key Technical Specifications The "HRS" series is generally characterized by its high torque density and high resolution. | Feature | Specification Details | | :--- | :--- | | **Type** | High-Resolution Rotary Actuator / Harmonic Drive System | | **Feedback Mechanism** | Absolute or Incremental Encoder (often 17-bit to 23-bit) | | **Motor Type** | AC Brushless Servo Motor | | **Voltage Rating** | Typically 200-230V AC (Single or Three Phase) | | **Protection Class** | IP65 or IP67 (Dust and Water Resistance) | | **Gear Ratio** | Varies by sub-model (Commonly 50:1, 100:1) | --- ### 2. Core Electronic Components #### A. Integrated Servo Motor The heart of the unit is a permanent magnet synchronous motor (PMSM). * **Winding Insulation:** High-grade insulation to withstand heat during continuous duty cycles. * **Thermal Sensors:** Often includes an internal NTC or PTC thermistor to prevent overheating by sending feedback to the drive. #### B. Encoder System (The "R" Suffix) The "R" in the model number often signifies a specific **Resolver** or high-resolution **Rotary Encoder** configuration. * **Absolute Encoding:** Retains position data even after power loss, eliminating the need for a "homing" sequence. * **Signal Interface:** Typically uses serial communication protocols (like BiSS-C, SSI, or proprietary protocols for brands like Fanuc or Mitsubishi) to transmit position data to the controller. #### C. Connector Interface The unit uses specialized industrial connectors to ensure signal integrity: * **Power Connector:** 3-pins for UVW phases plus a ground pin. * **Signal/Feedback Connector:** Multi-pin (often M12 or M23) for encoder signals and thermal protection. --- ### 3. Functional Operation The electronics within the HRS-63-R work in a closed-loop system: 1. **Command:** The external Motion Controller sends a target position. 2. **Drive:** The Servo Drive modulates current to the motor windings. 3. **Feedback:** The internal encoder monitors the shaft's actual position. 4. **Correction:** The system adjusts in real-time to eliminate error (PID control). --- ### 4. Applications Because of its high precision and electronic feedback, it is commonly found in: * **Robotic Joints:** Providing the articulation for 6-axis arms. * **Indexing Tables:** Rotating workpieces to exact angles for machining. * **Semiconductor Manufacturing:** Where vibration-free, precise movement is required.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the HRS-63-R encoder connector?
    • ⤷ Which servo drive models are compatible with the HRS-63-R?
    • ⤷ How do I troubleshoot a 'Feedback Error' on this specific actuator?