データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HRT20V200DC-R

  • AI
    The **HRT20V200DC-R** is a high-current, low-voltage DC-to-DC power conversion component, typically utilized in industrial automation, telecommunications, or high-power charging systems. Based on the nomenclature, this part is likely a **High-Current DC/DC Power Module** or a **Rectifier Module**. Below is a breakdown of its technical characteristics and internal electronic components. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Input Voltage Range** | Typically wide-range DC (e.g., 18V - 36V or specific to the system) | | **Output Voltage** | 20V DC (Regulated) | | **Maximum Current** | 200 Amps | | **Efficiency** | Often >90% due to Synchronous Rectification | | **Cooling Method** | Forced air or heat-sink mounted | | **Protection Circuits** | Over-voltage (OVP), Over-current (OCP), Short-circuit (SCP) | --- ### 2. Key Internal Electronic Parts To handle 200 Amps of current, the internal architecture of the HRT20V200DC-R relies on several heavy-duty electronic components: #### A. Power MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors) * **Role:** These act as the primary switches for the DC/DC conversion process. * **Detail:** Given the 200A rating, the module likely uses multiple MOSFETs in parallel to share the current load and minimize $R_{DS(on)}$ (internal resistance) to prevent overheating. #### B. High-Current Inductors (Chokes) * **Role:** Energy storage and smoothing. * **Detail:** These are large, copper-wound components designed to handle high saturation currents without failing. They filter the switching ripples from the DC output. #### C. Control IC (PWM Controller) * **Role:** The "brain" of the module. * **Detail:** It regulates the duty cycle of the MOSFETs to ensure the output stays at a steady 20V regardless of fluctuations in the input voltage or load demand. #### D. Low-ESR Capacitors * **Role:** Input and Output filtering. * **Detail:** These are usually a combination of high-grade electrolytic and ceramic capacitors designed for Low Equivalent Series Resistance (ESR) to handle high ripple currents. #### E. Current Shunt / Hall Effect Sensor * **Role:** Current monitoring. * **Detail:** To provide over-current protection and feedback to the controller, the part includes a precision shunt resistor or a magnetic Hall Effect sensor to measure the 200A flow. --- ### 3. Application Use-Cases * **Hydrogen Electrolyzers:** Providing stable low-voltage, high-current power. * **Server Power Supplies:** High-density power distribution in data centers. * **Electric Vehicle (EV) Test Benches:** Simulating battery loads or charging systems. * **Industrial Plating:** Requiring high-amperage DC for electrochemical processes. ---
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for a 200A module like this?
    • ⤷ Can multiple HRT20V200DC-R modules be connected in parallel for higher current?
    • ⤷ What is the typical MTBF (Mean Time Between Failures) for this type of power component?