データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HT-10V331MG10E-R2

  • AI
    The part number **HT-10V331MG10E-R2** refers to a specific **Surface Mount (SMD) Aluminum Electrolytic Capacitor**. These components are widely used in power management and signal filtering due to their high capacitance-to-volume ratio. --- ### 1. Specification Breakdown Based on standard industry naming conventions for aluminum electrolytic capacitors, here is the technical breakdown: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Capacitance** | 330 µF | The storage capacity (indicated by "331"). | | **Voltage Rating** | 10V | Maximum working DC voltage (indicated by "10V"). | | **Tolerance** | ±20% | Standard tolerance for electrolytic caps (indicated by "M"). | | **Case Size** | Φ8 x 10mm | Diameter x Height (indicated by "G10"). | | **Package Type** | V-Chip / SMD | Surface mount technology (Vertical chip). | | **Series** | HT Series | Typically denotes High Temperature or standard low-impedance. | --- ### 2. Physical Characteristics * **Form Factor:** It is a "V-Chip" type capacitor, meaning it has a flat base designed for pick-and-place machines on a PCB. * **Polarity:** These are **polarized** components. The top of the aluminum can usually has a black or colored marking indicating the **negative (-)** terminal. * **Packaging:** The suffix "-R2" usually indicates the reel size or tape-and-reel packaging specification for automated assembly. --- ### 3. Key Electronic Functions In a circuit, this specific capacitor (330µF, 10V) typically serves three primary roles: 1. **Smoothing:** Reducing ripple voltage in DC-DC converters or power supply outputs. 2. **Decoupling/Bypassing:** Providing a local energy reservoir to handle sudden current demands from integrated circuits (ICs), preventing voltage drops. 3. **Filtering:** Blocking DC components while allowing AC signals to pass in audio or signal processing applications. --- ### 4. Selection Considerations If you are using or replacing this part, keep the following in mind: * **ESR (Equivalent Series Resistance):** The HT series often features low ESR, which is critical for high-frequency switching power supplies. * **Temperature Rating:** Typically rated for **105°C**, ensuring longevity in warm environments compared to standard 85°C parts. * **Voltage Margin:** It is recommended to run the capacitor at no more than 80% of its rated voltage (e.g., use this 10V cap for 8V or 5V rails).
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for this capacitor?
    • ⤷ How do I identify the polarity of an SMD electrolytic capacitor on a PCB layout?
    • ⤷ What happens if I exceed the 10V rating on this specific component?