データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HT-50V151MHC5XN-R2

  • AI
    The part number **HT-50V151MHC5XN-R2** corresponds to an Aluminum Electrolytic Capacitor, typically used in surface mount (SMD) applications. This specific part is often associated with manufacturers like **Lelon** or similar high-quality passive component producers. --- ### 1. Part Number Breakdown Analyzing the alphanumeric string reveals the technical specifications of the component: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **HT** | Series Code | High Temperature / Low Impedance series | | **50V** | Voltage Rating | 50 Volts (Maximum DC working voltage) | | **151** | Capacitance Code | 150 µF (15 + 1 zero) | | **M** | Tolerance | ±20% | | **HC5** | Case Size | Often corresponds to 8x10.5 mm or 10x10.5 mm | | **XN** | Internal Code | Specialized manufacturing or packaging identifier | | **R2** | Packaging | Taping and Reel (for automated SMT placement) | --- ### 2. Technical Specifications This component is designed for modern electronic circuits requiring stability and durability. * **Type:** Aluminum Electrolytic Capacitor (V-Chip/SMD type). * **Capacitance:** 150 Microfarads (µF). * **Voltage:** 50V DC. * **Operating Temperature:** Usually rated up to **105°C** (HT series standard). * **Mounting Type:** Surface Mount Device (SMD). * **Polarity:** Polarized (Has a designated positive and negative terminal). --- ### 3. Common Applications Due to its 50V rating and 150µF capacity, this part is versatile for power management tasks: 1. **DC-DC Converters:** Used for input/output filtering to smooth voltage ripples. 2. **Power Supplies:** Common in LED drivers and industrial power adapters. 3. **Automotive Electronics:** Used in infotainment or lighting control modules (if AEC-Q200 qualified). 4. **Consumer Electronics:** Found on motherboards and telecommunication equipment. --- ### 4. Handling and Soldering Since this is an **SMD (Surface Mount)** part, it is designed for **Reflow Soldering**. Engineers must follow the thermal profile provided by the manufacturer to avoid "boiling" the electrolyte inside the capacitor, which can lead to bulging or failure. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers from other manufacturers like Nichicon or Panasonic?
    • ⤷ How does the 'HT' series lifespan compare to standard electrolytic capacitors?
    • ⤷ What is the specific ripple current rating for this 150uF capacitor?