データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HT-50V331MIE-R5

  • AI
    Based on the part number **HT-50V331MIE-R5**, this is an **Aluminum Electrolytic Capacitor**. Components with this naming convention typically belong to manufacturers like *Lelon* or similar high-quality passive component producers. --- ### 1. Part Number Breakdown The alphanumeric string provides specific technical details about the component's physical and electrical characteristics: | Code Segment | Parameter | Detail | | :--- | :--- | :--- | | **HT** | Series | Usually denotes a **High Temperature** or Low Impedance series. | | **50V** | Voltage Rating | Maximum operating voltage is **50 Volts DC**. | | **331** | Capacitance | 33 followed by 1 zero = **330 µF** (Microfarads). | | **M** | Tolerance | **±20%** (Standard for electrolytic capacitors). | | **I** | Case Size (Dia) | Represents a specific diameter (e.g., 8mm or 10mm depending on chart). | | **E** | Case Size (Height) | Represents the height of the capacitor. | | **R5** | Lead Style/Packaging | Often indicates **Lead Spacing** (5.0mm) or Taped/Bulk packaging. | --- ### 2. Technical Specifications This component is designed for power management and filtering. Below are the estimated technical attributes: * **Type:** Radial Leaded Aluminum Electrolytic Capacitor. * **Capacitance:** 330 µF. * **Voltage:** 50V. * **Temperature Range:** Typically -40°C to **+105°C** (HT Series). * **Polarity:** Polarized (has a negative marker on the sleeve). * **Life Span:** Usually rated for 2,000 to 5,000 hours at maximum temperature. --- ### 3. Application Use Cases Because of its 50V rating and 330µF capacity, it is commonly found in: 1. **Switching Power Supplies (SMPS):** Used for output filtering to smooth DC voltage. 2. **DC-DC Converters:** Acts as a buffer to handle ripple current. 3. **Audio Equipment:** Used in power stages to ensure stable current delivery. 4. **Industrial Electronics:** General purpose decoupling and bypass. --- ### 4. Circuit Symbol and Installation When using this part in a schematic or PCB layout, observe the following: ```cpp // Schematic Symbol: // +| |--- (Anode - Long Lead) // | | // -| |--- (Cathode - Short Lead/Striped side) // Mounting Considerations: // 1. Ensure the voltage applied does not exceed 50V. // 2. Observe polarity; reversing voltage causes component failure. // 3. Keep away from heat-generating components (Heatsinks). ```
    ✨ Follow-up Questions
    • ⤷ What is the physical lead spacing for the R5 suffix?
    • ⤷ How does the ripple current rating affect this capacitor's lifespan?
    • ⤷ Can I replace a 50V 331M with a 63V 331M capacitor?