データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HT-63V101MHC5EQ-R2

  • AI
    The part number **HT-63V101MHC5EQ-R2** refers to a high-temperature, surface-mount (SMD) aluminum electrolytic capacitor. This component is designed for high-reliability applications, often within the automotive or industrial sectors. ### 1. Part Number Breakdown Based on standard industry naming conventions for aluminum electrolytic capacitors, here is the technical breakdown: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **HT** | Series Name | High Temperature / Low Impedance Series | | **63V** | Rated Voltage | 63 Volts DC | | **101** | Capacitance Code | 100 µF (10 followed by 1 zero) | | **M** | Tolerance | ±20% | | **HC5** | Case Size Code | Typically represents Diameter x Height (e.g., 8x10.5mm or 10x10.5mm) | | **EQ** | Special Specs | Internal factory routing/packaging variation | | **R2** | Packaging | Tape & Reel (usually 13" or 15" reel) | --- ### 2. Technical Specifications This component is built to withstand harsh environments. Key characteristics include: * **Type:** Aluminum Electrolytic Capacitor (V-Chip/SMD). * **Operating Temperature:** Generally rated up to **125°C** (HT series standard). * **Endurance:** Often rated for 2,000 to 5,000 hours at its maximum temperature. * **Impedance:** Low ESR (Equivalent Series Resistance) for better performance in high-frequency switching. --- ### 3. Application Areas Because of the 63V rating and the "HT" (High Temperature) designation, this part is commonly used in: 1. **Automotive Electronics:** Power steering, engine control units (ECU), and lighting systems. 2. **DC-DC Converters:** Filtering noise in power supplies. 3. **Industrial Automation:** Control boards operating in high-heat environments. 4. **LED Drivers:** High-voltage smoothing for lighting applications. --- ### 4. Mounting & Handling As an **SMD (Surface Mount Device)**, it is designed for automated "pick and place" assembly. ```markdown - Solder Profile: Reflow soldering compatible. - Polarity: Polarized (the black stripe on the top indicates the negative terminal). - Footprint: Requires specific landing patterns based on the "HC5" case size. ```
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions for the HC5 case size?
    • ⤷ Is this part AEC-Q200 qualified for automotive use?
    • ⤷ What is the ripple current rating for this specific capacitor?