データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HT-63V121MIE-R5

  • AI
    The part number **HT-63V121MIE-R5** typically refers to a **Surface Mount (SMD) Aluminum Electrolytic Capacitor**, often part of a high-temperature or low-impedance series. Below is a breakdown of the electronic specifications and characteristics based on standard industry coding for this component. --- ### 1. Technical Specifications The part number can be decoded to reveal its primary electrical properties: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Aluminum Electrolytic Capacitor | Polarized storage component. | | **Capacitance** | 120 µF (Microfarads) | Indicated by "121" (12 x 10^1). | | **Voltage Rating** | 63V (DC) | The maximum continuous operating voltage. | | **Mounting Type** | SMD / V-Chip | Surface mount design for PCB assembly. | | **Temperature** | -55°C to +105°C | Standard high-temperature rating. | | **Tolerance** | ±20% (M) | Standard industry capacitance tolerance. | --- ### 2. Physical & Material Characteristics The suffix and series code provide information regarding the physical build and durability: * **Form Factor:** This is a "V-Chip" type capacitor, featuring a cylindrical metal can mounted on a plastic base for reflow soldering. * **Case Size:** Usually corresponds to a specific diameter and height (e.g., 8mm x 10mm or 10mm x 10mm), though this varies slightly by manufacturer. * **Electrolyte:** Liquid electrolyte contained within an aluminum housing, sealed with a rubber gasket. * **RoHS Compliant:** The "R5" or similar suffixes usually denote compliance with lead-free and environmental regulations. --- ### 3. Application Use Cases Due to its 63V rating and 120µF capacity, this part is commonly used in: 1. **DC-DC Converters:** Filtering input and output noise in power supplies. 2. **Automotive Electronics:** Used in 12V/24V systems where voltage spikes require a higher (63V) overhead. 3. **Industrial Automation:** Smoothing rectified power in control circuits. 4. **Telecommunications:** Power line decoupling in networking equipment. --- ### 4. Key Performance Indicators * **ESR (Equivalent Series Resistance):** Generally low to moderate, allowing it to handle ripple currents without excessive heating. * **Load Life:** Typically rated for 2,000 to 5,000 hours at its maximum rated temperature (105°C). * **Polarity:** Must be installed correctly; the negative terminal is usually marked with a black stripe on the top of the can.
    ✨ Follow-up Questions
    • ⤷What are the specific dimensions for the R5 case size?
    • ⤷ Is there a long-life version of this capacitor available?
    • ⤷ What is the maximum ripple current for this specific part?