データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HT-63V121MIEE-R5

  • AI
    The part number **HT-63V121MIEE-R5** typically refers to a **Surface Mount (SMD) Aluminum Electrolytic Capacitor**, often part of a High-Temperature or Low Impedance series from manufacturers like *Lelon* or similar specialized component makers. Below is a detailed breakdown of its electronic specifications and characteristics based on standard industry coding for this part series. --- ### 1. Specification Breakdown The alphanumeric code provides specific details about the component's physical and electrical properties: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **HT** | Series Code | High Temperature / Low Impedance Series | | **63V** | Voltage Rating | 63 Volts (Maximum DC Working Voltage) | | **121** | Capacitance Code | 120 µF (12 + one zero) | | **M** | Tolerance | ±20% | | **IEE** | Case Size Code | Dimensions (Approx. 10mm x 10.2mm or similar) | | **R5** | Packaging/Lead | RoHS Compliant / Taping & Reel | --- ### 2. Technical Characteristics #### Electrical Properties * **Capacitance:** 120 Microfarads (µF). This determines the amount of charge the component can store. * **Rated Voltage:** 63V. This is the maximum continuous voltage the capacitor can withstand. In electronic design, it is recommended to run this at ~80% of its rating (approx. 50V) for longevity. * **Low ESR/Impedance:** The "HT" series is generally designed for low Equivalent Series Resistance, making it efficient at filtering high-frequency noise. #### Thermal & Durability * **Operating Temperature:** Typically rated up to **105°C** (though some HT variants reach 125°C). * **Endurance:** Usually rated for 2,000 to 5,000 hours at its maximum rated temperature. #### Physical Form Factor * **Mounting Type:** SMD (Surface Mount Device) / V-Chip. * **Case Style:** Vertical cylindrical aluminum can on a plastic base for SMT reflow soldering. --- ### 3. Common Applications Due to its 63V rating and capacitance, this part is commonly used in: 1. **DC-DC Converters:** Filtering input/output ripples in power supplies. 2. **Automotive Electronics:** Used in 12V/24V systems where voltage spikes require a 63V safety margin. 3. **Industrial Controls:** Providing bulk capacitance for sensors and actuators. 4. **Telecommunications:** Power management modules for networking gear. --- ### 4. Precautions for Use * **Polarity:** This is a polarized component. Installing it backwards will lead to catastrophic failure (explosion/venting). * **Reflow Soldering:** Follow the specific heat profile provided by the manufacturer to avoid drying out the electrolyte during assembly.
    ✨ Follow-up Questions
    • ⤷What is the exact physical footprint (Land Pattern) for the IEE case size?
    • ⤷ Are there any direct equivalents from brands like Panasonic or Nichicon?
    • ⤷ How does the ripple current rating of this capacitor affect its lifespan?