データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HTB-34I-R

  • AI
    The **HTB-34I-R** is a specific model of an **Industrial Incremental Rotary Encoder**. These components are critical in automation for measuring the position, speed, or direction of a rotating shaft by converting mechanical motion into electrical signals. --- ## 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Type** | Incremental Rotary Encoder | | **Model Series** | HTB series (often associated with Hontko or similar industrial brands) | | **Outer Diameter** | Approximately 34mm (Compact size) | | **Output Phases** | A, B, and Z (Index pulse) | | **Resolution** | Pulse per Revolution (PPR) varies by sub-model (Commonly 100-1024) | | **Shaft Type** | Solid Shaft (R-type usually denotes specific mounting or rotation) | | **Power Supply** | Typically 5V DC or 8-26V DC | --- ## 2. Key Electronic Components The internal architecture of the HTB-34I-R consists of several integrated electronic subsystems: ### A. Optical Sensing Assembly * **LED Emitter:** A high-intensity infrared LED that acts as the light source. * **Code Disc:** A precision-etched glass or plastic disc with transparent and opaque slots. * **Photodetector Array:** An Integrated Circuit (IC) that detects light pulses as the disc rotates. ### B. Signal Processing Circuitry * **Comparator/Schmitt Trigger:** These electronic components "square up" the analog waves from the photodetectors into clean digital **Square Waves**. * **Output Driver:** * **Push-Pull (Totem Pole):** Used for standard PLC inputs. * **Open Collector:** Requires an external pull-up resistor. * **Line Driver:** Used for long-distance transmission to reduce noise (RS-422 standard). ### C. Connection Interface The unit typically uses a shielded cable to prevent **Electromagnetic Interference (EMI)**. * **Red:** Vcc (Power) * **Black/White:** GND (Ground) * **Phase A/B:** Quadrature signals for direction sensing. * **Phase Z:** The "Zero" or Reference pulse once per revolution. --- ## 3. Operational Logic (Quadrature) The "Electronic" part of the HTB-34I-R works on **Quadrature Encoding**. Phase A and Phase B are offset by 90 electrical degrees. 1. **Direction Sensing:** If Phase A leads Phase B, the rotation is Clockwise (CW). If Phase B leads Phase A, it is Counter-Clockwise (CCW). 2. **Resolution Multiplication:** By detecting the rising and falling edges of both signals, the system can achieve $4\times$ the native resolution of the disc. --- ## 4. Common Applications * **CNC Machinery:** For precise tool positioning. * **Conveyor Systems:** Synchronizing belt speeds. * **Robotics:** Monitoring joint angles and motor feedback.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an incremental and an absolute encoder?
    • ⤷ How do I wire the HTB-34I-R to a standard PLC?
    • ⤷ Which output driver type is best for high-noise industrial environments?