データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HTD04-059-08D12

  • AI
    The **HTD04-059-08D12** is a high-performance **Thermoelectric Cooler (TEC)**, also known as a Peltier module. These devices are solid-state heat pumps that transfer heat from one side of the device to the other when an electrical current is applied. ### 1. Technical Specifications The part number typically follows a standardized nomenclature representing its physical and electrical characteristics. | Parameter | Value / Specification | | :--- | :--- | | **Type** | Single-stage Thermoelectric Module | | **Operating Voltage ($V_{max}$)** | ~15.4V to 16.2V DC (Typical for 12V systems) | | **Max Current ($I_{max}$)** | ~8.0 Amperes | | **Max Cooling Power ($Q_{cmax}$)** | ~70W - 80W (Depending on ambient temp) | | **Max Temp Difference ($\Delta T_{max}$)** | $\ge 68^\circ C$ | | **Internal Resistance** | ~1.5 $\Omega$ to 1.8 $\Omega$ | | **Dimensions** | Usually 40mm x 40mm (Standard factor) | --- ### 2. Core Electronic Components The internal construction of the HTD04-059-08D12 consists of several critical layers: * **P-N Junctions:** The "engine" of the part. It consists of bismuth telluride ($Bi_2Te_3$) semiconductor pellets. * **Ceramic Substrates:** Usually Alumina ($Al_2O_3$). These act as electrical insulators while providing high thermal conductivity to move heat to the heat sink. * **Internal Interconnects:** Copper traces that connect the P and N pellets in series electrically, but in parallel thermally. * **Lead Wires:** Typically 20 AWG or 22 AWG wires, color-coded Red (+) and Black (-). --- ### 3. Functional Operation The device operates on the **Peltier Effect**: 1. **DC Input:** When DC power is applied, electrons move across the junctions of the dissimilar semiconductor materials. 2. **Heat Absorption:** On the "cold side," electrons move from a low-energy state to a high-energy state, absorbing thermal energy. 3. **Heat Rejection:** On the "hot side," electrons return to a lower energy state, releasing the absorbed heat plus the electrical energy consumed ($I^2R$ heating). --- ### 4. Implementation Requirements To ensure the electronic part does not fail, the following integration steps are mandatory: ```python # Pseudo-code for a Thermal Control Loop using this TEC if current_temp > target_temp: apply_pwm_signal(pin, duty_cycle=0.8) # Drive TEC via MOSFET/H-Bridge activate_fan(heatsink_fan) # Crucial: Heat must be removed from the hot side else: stop_pwm_signal(pin) ``` * **Heat Dissipation:** You **must** attach a significant heat sink and fan to the hot side. Without cooling, the module will overheat and desolder its internal junctions within seconds. * **Polarity:** Reversing the polarity will swap the cold and hot sides. * **Power Supply:** Use a regulated DC power supply. High ripple or AC components will reduce the cooling efficiency significantly. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum operating temperature for the hot side of this module?
    • ⤷ Can this TEC be used as a power generator via the Seebeck effect?
    • ⤷ How do I calculate the required heat sink size for an 8A load?