データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HTK-50V331MIEBQ-R5

  • AI
    The part number **HTK-50V331MIEBQ-R5** refers to a high-performance **Surface Mount (SMD) Aluminum Electrolytic Capacitor**, typically belonging to the hybrid or high-temperature series produced by manufacturers like **CapXon**. --- ## 1. Technical Specifications Breakdown The alphanumeric code provides specific details about the component's electrical and physical properties: | Parameter | Specification | Description | |:---|:---|:---| | **Series** | HTK | High Temperature / Low ESR Hybrid series | | **Voltage** | 50V | Rated working voltage (DC) | | **Capacitance** | 331 (330µF) | Capacitance value (33 x 10^1 pF converted to µF) | | **Tolerance** | M | ±20% capacitance tolerance | | **Case Size** | IE | Represents physical dimensions (e.g., 8x10mm or 10x10.2mm) | | **Packaging** | R5 | Tape & Reel packaging for automated SMT assembly | --- ## 2. Key Features These capacitors are engineered for demanding environments, often found in automotive or industrial power electronics: * **Hybrid Technology:** Uses a combination of liquid electrolyte and conductive polymer. This provides **extremely low ESR** (Equivalent Series Resistance) and high ripple current capability. * **Temperature Stability:** Designed to operate at high temperatures (often up to 125°C) with a long service life (typically 2,000 to 4,000 hours at max temp). * **Reliability:** The hybrid design prevents "dry-out" failures more effectively than standard electrolytic capacitors. * **Vibration Resistance:** The "BQ" designation often refers to a vibration-proof base/structure, essential for automotive applications. --- ## 3. Common Applications Due to its 50V rating and 330µF capacity, this part is commonly used in: 1. **DC-DC Converters:** Filtering input/output noise in power supplies. 2. **Automotive ECU:** Engine Control Units and ADAS systems where heat and vibration are prevalent. 3. **LED Lighting Drivers:** Providing stable power in compact, high-heat enclosures. 4. **Industrial Automation:** Used on control boards for motor drives and sensors. --- ## 4. Soldering & Handling As an **SMD (Surface Mount Device)**, this part requires specific reflow soldering profiles to avoid damaging the internal electrolyte. ```markdown ### Reflow Profile Note: - Peak Temperature: ~245°C to 260°C (Lead-Free) - Pre-heating: 150°C - 180°C for 60-120 seconds - Moisture Sensitivity Level (MSL): Usually MSL 1 (Unlimited floor life) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard electrolytic and a hybrid capacitor?
    • ⤷ How do I calculate the expected lifespan of this capacitor at 85°C?
    • ⤷ Are there direct equivalents from brands like Panasonic or United Chemi-Con?