データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HTK-63V101MHC5EXN-R2

  • AI
    The part number **HTK-63V101MHC5EXN-R2** refers to a high-performance **Aluminum Electrolytic Capacitor**. This specific component is designed for high-reliability applications, often featuring a conductive polymer or a hybrid electrolyte to ensure low ESR (Equivalent Series Resistance) and long life. --- ### 1. Technical Specifications Breakdown Based on the standard nomenclature for this series, here is the technical profile: | Parameter | Value / Description | | :--- | :--- | | **Capacitance** | 100 µF (Indicated by "101") | | **Voltage Rating** | 63V DC | | **Tolerance** | ±20% (Standard for electrolytic caps) | | **Mounting Type** | Surface Mount (SMD / V-Chip) | | **Temperature Range** | Typically -55°C to +125°C | | **Packaging** | Tape & Reel (Indicated by "R2") | --- ### 2. Part Number Deciphering To understand the specific features, we can break down the alphanumeric code: * **HTK**: Series designation (Often represents High Temperature / Low ESR Hybrid series). * **63V**: The maximum working voltage (63 Volts). * **101**: Capacitance code (10 + 1 zero = 100 microfarads). * **M**: Tolerance code (±20%). * **HC5**: Case size code (Relates to the diameter and height of the SMD chip). * **EXN**: Internal manufacturing/finish code (often refers to RoHS compliance and lead-free status). * **R2**: Packaging code (specifying reel size or quantity). --- ### 3. Key Features and Applications #### Key Advantages * **High Temperature Stability:** These capacitors are often rated for 125°C, making them suitable for automotive or industrial environments. * **Low ESR:** Provides better efficiency in power conversion and less heat generation. * **High Ripple Current:** Capable of handling significant AC current superimposed on the DC voltage. #### Common Use Cases 1. **Automotive Electronics:** Engine control units (ECU), ADAS sensors, and infotainment power rails. 2. **DC-DC Converters:** Input/Output filtering to smooth voltage spikes. 3. **LED Drivers:** Providing stable current for lighting systems. 4. **Industrial Automation:** Power supplies for PLC and sensors. --- ### 4. Comparison: Standard vs. Hybrid (HTK) | Feature | Standard Aluminum Electrolytic | HTK Series (Hybrid/High-Temp) | | :--- | :--- | :--- | | **Lifespan** | Moderate | Very High (up to 4,000+ hours @ 125°C) | | **ESR @ Low Temp** | Increases significantly | Remains stable | | **Reliability** | General purpose | Mission-critical | ---
    ✨ Follow-up Questions
    • ⤷What is the physical case size dimensions for the HC5 code?
    • ⤷ How does a hybrid capacitor differ from a standard liquid electrolytic?
    • ⤷ Are there recommended substitutes with a higher voltage rating?