データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HTK-63V151MIEEQ-R5

  • AI
    The part number **HTK-63V151MIEEQ-R5** refers to a high-performance **Conductive Polymer Hybrid Aluminum Electrolytic Capacitor**. These components are widely used in automotive and industrial electronics due to their ability to combine the low ESR (Equivalent Series Resistance) of polymer capacitors with the high voltage and reliability of liquid electrolytic capacitors. --- ### 1. Specification Breakdown The part number follows a specific nomenclature. Below is the technical breakdown of its parameters: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Capacitance** | 150 µF | 151 = $15 \times 10^1$ | | **Rated Voltage** | 63V DC | Suitable for 48V system surges | | **Tolerance** | ±20% (M) | Standard industry tolerance | | **Dielectric Type** | Hybrid Polymer | Solid polymer + Liquid electrolyte | | **Operating Temp** | -55°C to +125°C | High-temperature durability | | **Mounting Type** | SMD (V-Chip) | Surface mount technology | | **Case Size** | 10mm x 10.2mm (Approx) | Standard "I" or "J" size code | --- ### 2. Key Electronic Characteristics #### A. Hybrid Technology This part utilizes a **Hybrid Electrolyte**. The cathode consists of a conductive polymer and a liquid electrolyte. * **Polymer:** Provides extremely low ESR and handles high ripple currents. * **Liquid:** Provides a "self-healing" mechanism for the oxide layer, leading to high reliability and lower leakage current compared to pure polymer capacitors. #### B. ESR and Ripple Current Unlike standard aluminum capacitors, the **HTK series** is designed for high-frequency switching applications. * **Low ESR:** Minimizes heat generation during operation. * **High Ripple Current:** Capable of handling significant AC components in power lines, essential for DC-DC converters. #### C. Stability The capacitance remains stable across a wide temperature range and frequency spectrum, unlike Class II ceramic capacitors (MLCCs) which suffer from DC bias aging. --- ### 3. Application Use Cases This specific 63V / 150µF capacitor is typically found in: 1. **Automotive ECU:** 48V mild-hybrid power systems. 2. **Industrial Automation:** 24V/48V power supply filtering. 3. **LED Drivers:** Reducing flicker and smoothing output voltage. 4. **Telecommunications:** Base station power modules requiring long life (4,000+ hours at 125°C). --- ### 4. Schematic Representation In a circuit diagram, it is represented as a polarized capacitor: ```spice * Typical Decoupling Configuration VIN 1 0 DC 48V C1 1 2 150uF ; HTK-63V151MIEEQ-R5 R_ESR 2 0 0.02 ; Low ESR simulation (approx 20mOhms) ```
    ✨ Follow-up Questions
    • ⤷ What is the rated lifetime (hours) of the HTK series at its maximum operating temperature?
    • ⤷ How does the ESR of this hybrid capacitor compare to a standard electrolytic capacitor of the same rating?
    • ⤷ Is this part AEC-Q200 qualified for automotive use?