データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HTL-35V151MG10-R2

  • AI
    The **HTL-35V151MG10-R2** is a surface-mount (SMD) Aluminum Electrolytic Capacitor. This specific component is designed for high-temperature reliability and high-density surface mounting on printed circuit boards (PCBs). --- ### ## Technical Specifications Below are the primary electrical and physical characteristics for this part: | Characteristic | Specification | | :--- | :--- | | **Capacitance** | 150 µF | | **Voltage Rating** | 35 V DC | | **Tolerance** | ±20% (M) | | **Temperature Range** | -55°C to +105°C | | **Endurance/Life** | 2,000 to 5,000 hours (depending on series specifics) | | **Package Type** | V-Chip (SMD) | | **Size Code** | G10 (typically 8mm x 10mm or 10mm x 10mm) | | **RoHS Status** | Compliant (R2 denotes lead-free/RoHS) | --- ### ### Part Number Breakdown Understanding the nomenclature helps in identifying its performance class: 1. **HTL**: This is the **Series Name**. HTL series capacitors are usually characterized by low impedance and high temperature stability. 2. **35V**: Represents the **Rated Voltage** (35 Volts). 3. **151**: This is the **Capacitance Code** in picofarads (pF). The first two digits are significant figures, and the third is the multiplier. * $15 \times 10^1 = 150$ µF. 4. **M**: Indicates the **Capacitance Tolerance** (±20%). 5. **G10**: Refers to the **Case Size** dimensions. 6. **R2**: Indicates the **Packaging/Environmental** standard (Tape and Reel, RoHS compliant). --- ### ### Key Features and Applications * **Low ESR/Impedance:** Designed to handle ripple current effectively without significant heat buildup. * **Reflow Solderable:** Specifically built to withstand the high temperatures of infrared or convection reflow soldering processes. * **Applications:** * **Automotive Electronics:** Used in infotainment and lighting control modules. * **Power Supplies:** Ideal for DC-DC converter output filtering. * **Industrial:** High-density motherboards and telecommunications equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the ripple current rating for the HTL series?
    • ⤷ How does the 'G10' size code translate to actual millimeter dimensions?
    • ⤷ What are the common alternatives to the HTL series for higher temperature environments?