データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HTL-63V101MHC5Q-R2

  • AI
    The part number **HTL-63V101MHC5Q-R2** refers to a high-temperature, long-life radial aluminum electrolytic capacitor. Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. Part Number Breakdown & Specifications Based on standard industry nomenclature for electrolytic capacitors, here is the technical profile: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Capacitance** | 100 µF (101) | The energy storage capacity. | | **Voltage Rating** | 63V | Maximum DC working voltage. | | **Series** | HTL | High Temperature / Long Life series. | | **Tolerance** | ±20% (M) | Standard industry tolerance for electrolytics. | | **Case Size** | HC5 | Refers to physical dimensions (e.g., 8x11.5mm or 10x12.5mm depending on manufacturer). | | **Packaging** | R2 | Tape and Reel or specific lead forming (Ammo Pack). | --- ### 2. Key Electronic Characteristics #### A. Dielectric Type This is an **Aluminum Electrolytic Capacitor**. It uses an electrolyte (liquid or gel) and an aluminum oxide layer as the dielectric. These are polarized components, meaning they must be installed with the correct orientation (+/-). #### B. Temperature and Longevity The "HTL" designation typically signifies: * **Temperature Rating:** Usually rated up to **105°C** or **125°C**. * **Operational Life:** Designed for extended hours (e.g., 5,000 to 10,000 hours at max temp), making it suitable for industrial power supplies. #### C. Impedance and Ripple Current As a 63V/100µF capacitor in a "Long Life" series, it is optimized for: * **Low ESR (Equivalent Series Resistance):** Minimal internal resistance to prevent overheating. * **High Ripple Current:** Ability to handle the AC components of a DC signal without degrading. --- ### 3. Common Applications This specific component is typically found in the following electronic environments: 1. **Power Supply Filtering:** Smoothing out voltage fluctuations in DC-DC converters or AC adapters. 2. **LED Drivers:** Used in lighting circuits where high ambient temperatures are present. 3. **Automotive Electronics:** Handling the 12V/24V rail spikes in non-critical cabin electronics. 4. **Industrial Control:** Providing stable energy reservoirs for PLCs and sensors. --- ### 4. Installation Precautions ```markdown - **Polarity:** Ensure the negative stripe on the casing aligns with the negative pad on the PCB. - **Voltage Headroom:** While rated at 63V, it is best practice to run the capacitor at 80% of its rated voltage (~50V) for maximum longevity. - **Heat Dissipation:** Keep away from high-heat components like power transistors or heatsinks. ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific physical dimensions for the HC5 case code?
    • ⤷ How does the HTL series compare to the standard HT series in terms of lifespan?
    • ⤷ What is the maximum ripple current rating for this 100uF 63V capacitor?