データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HTS-0B-R

  • AI
    The **HTS-0B-R** is an electronic component primarily classified as a **Humidity and Temperature Sensor**. It is frequently used in consumer electronics, HVAC systems, and weather monitoring devices due to its compact size and reliability. --- ### 1. Key Technical Specifications The HTS-0B-R is typically a resistive or capacitive-based sensor designed for surface mounting (SMD). Below are the general technical parameters: | Parameter | Specification | | :--- | :--- | | **Part Number** | HTS-0B-R | | **Function** | Relative Humidity (RH) & Temperature Sensing | | **Operating Voltage** | 1.5V to 5.5V (Standard range) | | **RH Range** | 0% to 100% RH | | **Accuracy (Humidity)** | ±3% to ±5% (typical) | | **Accuracy (Temp)** | ±0.5°C to ±1.0°C | | **Package Type** | Surface Mount (SMD) | | **Interface** | Usually Analog (Resistive) or I2C (Digital variant) | --- ### 2. Functional Description The device operates by detecting changes in the electrical properties of a polymer layer within the sensor. - **Humidity Sensing:** As moisture in the air increases, the dielectric constant or resistance of the internal polymer changes. The internal circuitry converts this change into a measurable electrical signal. - **Temperature Sensing:** It usually incorporates an integrated Thermistor (NTC/PTC) or a CMOS temperature sensor to provide ambient thermal readings. --- ### 3. Pin Configuration & Application While specific pinouts can vary by manufacturer (such as **HOKURIKU** or **SENSIRION** style footprints), a standard 4-pin configuration is common: 1. **VDD:** Power Supply Input. 2. **GND:** Ground. 3. **SCL/Data:** Communication line. 4. **SDA/Analog Out:** Signal output. #### Common Applications: - **Smart Home:** Dehumidifiers, air purifiers, and thermostats. - **Automotive:** Cabin climate control and windshield defogging. - **Industrial:** Storage monitoring and drying equipment. --- ### 4. Implementation Example (Basic Logic) If the sensor is used in a microcontroller environment (like Arduino or ESP32), the logic follows this structure: ```cpp // Pseudo-code for reading HTS sensor #include void setup() { Serial.begin(9600); Wire.begin(); // Initialize I2C communication } void loop() { float humidity = readHTS_Humidity(); float temperature = readHTS_Temp(); Serial.print("Humidity: "); Serial.print(humidity); Serial.println("%"); delay(2000); // Sampling rate } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering requirements for the HTS-0B-R SMD package?
    • ⤷ How does the HTS-0B-R compare to the DHT22 in terms of accuracy?
    • ⤷ Which manufacturers currently produce the HTS-0B-R model?