データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HTS-0G-R

  • AI
    The **HTS-0G-R** is an electronic component primarily classified as a **Humidity and Temperature Sensor**. It is a resistive-type humidity sensor known for its small footprint and reliability in various consumer and industrial applications. --- ## 1. Technical Specifications The following table outlines the primary electrical and environmental characteristics of the HTS-0G-R: | Characteristic | Specification | | :--- | :--- | | **Part Number** | HTS-0G-R | | **Sensor Type** | Polymer Resistive | | **Humidity Range** | 20% to 95% RH | | **Operating Temperature** | 0°C to 60°C | | **Storage Temperature** | -20°C to 70°C | | **Rated Voltage** | 1.0V AC (Max 1.5V AC) | | **Rated Frequency** | 500Hz to 2kHz | | **Nominal Resistance** | ~31kΩ (at 25°C, 60% RH) | --- ## 2. Key Features and Working Principle ### Working Principle The HTS-0G-R operates on the principle of **impedance change**. It utilizes a moisture-sensitive polymer layer. As humidity increases, the polymer absorbs water molecules, which increases the conductivity (decreases the resistance) of the sensor. ### Key Features * **Linearity:** Provides a relatively predictable change in resistance across its operating range. * **Low Power Consumption:** Operates at low AC voltages, making it ideal for battery-powered devices. * **Standardized Output:** Usually calibrated to a specific resistance at 60% RH, allowing for easier circuit integration. --- ## 3. Circuit Integration Requirements When designing a circuit for the HTS-0G-R, the following electronic considerations are critical: 1. **AC Drive Requirement:** Resistive humidity sensors must be driven by an **AC signal** (Sine or Square wave) with no DC component. Applying DC voltage will cause "polarization," which leads to electrode degradation and permanent sensor drift. 2. **Impedance Matching:** Since the sensor acts as a variable resistor, it is typically used in a voltage divider configuration or integrated into an RC oscillator circuit where the frequency changes based on humidity. 3. **Temperature Compensation:** Because the resistance is also affected by temperature, an NTC thermistor is often placed in close proximity to provide data for temperature compensation algorithms. --- ## 4. Typical Applications * **HVAC Systems:** Air conditioners, humidifiers, and dehumidifiers. * **Consumer Electronics:** Weather stations, digital clocks, and home automation sensors. * **Industrial:** Food storage monitoring and warehouse climate control.
    ✨ Follow-up Questions
    • ⤷ How do I convert the resistance of HTS-0G-R into a relative humidity percentage?
    • ⤷ What happens if I accidentally apply DC voltage to this sensor?
    • ⤷ Are there specific NTC thermistors recommended for use with this sensor?