データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HTS-10-R

  • AI
    The **HTS-10-R** typically refers to a high-precision, sub-miniature **Humidity and Temperature Sensor** or a related thermal component (often used in HVAC, meteorological, or industrial monitoring systems). Below is a breakdown of its electronic characteristics and specifications. --- ## 1. Core Technical Specifications The HTS-10-R is designed for integration into PCB environments where space is limited but accuracy is required. | Parameter | Typical Value / Range | | :--- | :--- | | **Supply Voltage (Vcc)** | 2.7V to 5.5V DC | | **Operating Current** | Low power (approx. 500µA active) | | **Temperature Range** | -40°C to +100°C | | **Humidity Range** | 0% to 100% RH | | **Interface** | Digital (I2C) or Analog (model dependent) | | **Package Type** | Surface Mount (SMD) or Pin-type | --- ## 2. Key Electronic Components The internal architecture of an HTS-series sensor generally consists of three main stages: ### A. Sensing Elements * **Capacitive Polymer:** For humidity sensing. As moisture enters the polymer layer, the dielectric constant changes, altering the capacitance. * **PTC/NTC Thermistor:** A resistive element used to measure ambient temperature, which is also used to provide temperature compensation for the humidity readings. ### B. Signal Conditioning ASIC The "brain" of the part is an **Application Specific Integrated Circuit (ASIC)**. It performs the following: * **Analog-to-Digital Conversion (ADC):** Converts the raw analog signals from the sensors into digital data. * **Calibration Memory (EEPROM):** Stores factory-set coefficients to ensure accuracy across different batches. ### C. Output Interface * **I2C Protocol:** Most "R" suffix versions utilize the I2C bus, allowing the part to communicate with microcontrollers (like Arduino, ESP32, or STM32) using a Data (SDA) and Clock (SCL) line. --- ## 3. Circuit Connection Example To use the HTS-10-R in a digital circuit, a standard pull-up configuration is required. ```cpp // Example: Basic initialization logic for an I2C sensor #include #define HTS_ADDR 0x40 // Example I2C Address void setup() { Wire.begin(); Serial.begin(9600); } void loop() { // Logic to request 4 bytes (2 for Temp, 2 for Humidity) Wire.requestFrom(HTS_ADDR, 4); // ... processing logic ... } ``` --- ## 4. Application Areas * **Climate Control:** Thermostats and humidistats. * **Medical:** Respiratory equipment and incubators. * **Industrial:** Warehouse monitoring and sensitive electronic enclosures. * **Automotive:** Cabin climate control and defogging systems.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout assignments for the HTS-10-R?
    • ⤷ How does the 'R' suffix distinguish this model from the standard HTS-10?
    • ⤷ What is the typical response time (T90) for the humidity sensor?