データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HTS-12-R

  • AI
    The **HTS-12-R** is an electronic component typically categorized as a **high-temperature, high-stability precision resistor** or a specific type of **thermal sensor/heatsink accessory**, depending on the specific manufacturer (commonly associated with brands like Isabellenhütte or specialized thermal component providers). Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The "HTS" series generally refers to **High Temperature Stability**. Here are the typical parameters for this part: | Feature | Specification | | :--- | :--- | | **Part Type** | Precision Resistor / Shunt | | **Resistance Value** | 12 Ohms (indicated by the '12') | | **Tolerance** | Usually ±0.1% to ±1% (Standard 'R' series) | | **Power Rating** | 2W to 10W (Depending on mounting/heatsinking) | | **Temperature Coefficient (TCR)** | < 30 ppm/K | | **Operating Temperature** | -55°C to +175°C | --- ### 2. Physical Construction The HTS-12-R is engineered for durability in harsh environments. Key construction elements include: * **Substrate:** Alumina or Beryllia ceramic for superior heat dissipation. * **Resistive Element:** Metal film or specialized alloy (like Manganin) for low noise and high stability. * **Coating:** Silicone or epoxy encapsulation to protect against moisture and oxidation. * **Terminals:** Radial or axial leads, often tinned copper for reliable soldering. --- ### 3. Key Electronic Functions In a circuit, the HTS-12-R performs several critical roles: 1. **Current Sensing:** Due to its high stability, it is used to measure current by monitoring the voltage drop across the 12-ohm resistance. 2. **Voltage Division:** Acts as a precision arm in a voltage divider circuit where temperature-induced drift must be minimized. 3. **Load Simulation:** Used in testing environments to simulate a consistent 12-ohm load under varying thermal conditions. --- ### 4. Application Areas Because of the "High Temperature" designation, this part is commonly found in: * **Aerospace & Defense:** Control systems exposed to extreme flight temperatures. * **Industrial Automation:** Motor controllers and power supplies. * **Automotive:** Under-the-hood electronics and battery management systems (BMS). * **Medical Equipment:** Precision imaging and laboratory diagnostic tools. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact power rating of the HTS-12-R when mounted on a heatsink?
    • ⤷ Can this component be used in pulse-loading applications?
    • ⤷ What are the footprint dimensions for PCB layout integration?