データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HTS-5D-R

  • AI
    The **HTS-5D-R** is a specialized high-temperature, high-stability pressure transducer often used in aerospace, automotive testing, and industrial process monitoring. Below is a breakdown of its core electronic and technical components. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Sensor Type** | Piezoresistive Silicon-on-Insulator (SOI) | | **Pressure Range** | Typically 0-5 psi up to 0-5000 psi (varies by sub-model) | | **Operating Temp** | -54°C to +232°C (-65°F to +450°F) | | **Excitation Voltage** | 10V DC (Typical) | | **Output Signal** | Millivolt (mV) Unamplified | | **Bridge Impedance** | ~1000 Ohms (Nominal) | --- ### 2. Core Electronic Components #### A. The Piezoresistive Bridge The heart of the HTS-5D-R is a **Wheatstone Bridge** circuit. It uses four active strain gauges diffused into a silicon diaphragm. - **Function:** When pressure deforms the diaphragm, the resistance of the gauges changes, converting mechanical stress into an electrical voltage. - **Material:** It utilizes SOI (Silicon-on-Insulator) technology to prevent electrical leakage at high temperatures, which is a common failure point in standard silicon sensors. #### B. Internal Compensation Network Because the sensor operates in extreme temperatures, it includes a passive compensation module integrated into the housing. - **Zero Balance:** Resistors trimmed to ensure the output is 0mV at 0 pressure. - **Thermal Sensitivity Shift:** Compensation resistors that counteract the natural tendency of silicon to become less sensitive as heat increases. #### C. Electrical Interface The "R" in the suffix usually denotes a specific ruggedized lead wire or connector configuration. - **Wiring:** Typically a 4-wire configuration (+Excitation, -Excitation, +Output, -Output). - **Shielding:** The internal electronics are shielded against Electromagnetic Interference (EMI) to maintain signal integrity in "noisy" engine environments. --- ### 3. Key Electronic Advantages 1. **High Frequency Response:** Due to the micro-machined silicon structure, the electronic response is nearly instantaneous, making it suitable for dynamic pressure measurements (e.g., turbine fluctuations). 2. **Isolation:** The sensing element is usually dielectrically isolated, allowing it to function at temperatures where standard junctions would fail. 3. **Low Power Consumption:** As a passive resistive bridge, it draws very little current, making it ideal for remote telemetry units. --- ### 4. Typical Wiring Diagram (Conceptual) ```text [Power Supply 10VDC] ----> (+ Red) --- [ Sensor ] --- (+ Green) ----> [Signal High] (- Black) --- [ Bridge ] --- (- White) ----> [Signal Low] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific calibration procedures for the HTS-5D-R in high-heat environments?
    • ⤷ How does the SOI technology compare to standard MEMS sensors in terms of lifespan?
    • ⤷ What signal conditioning hardware is recommended to amplify the mV output?