データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HTS-6A-R

  • AI
    The **HTS-6A-R** is a specific electronic component, typically categorized as a **High-Temperature, Surface-Mount Platinum Resistance Temperature Detector (RTD)**. These sensors are engineered for high-precision temperature measurement in demanding environments. --- ## 1. Core Technical Specifications The HTS-6A-R series generally follows the Platinum RTD standard (Pt100 or Pt1000). Below are the typical electronic characteristics: | Property | Value / Range | | :--- | :--- | | **Resistance at 0°C** | 100 $\Omega$ (Standard) or 1000 $\Omega$ | | **Temperature Coefficient (Alpha)** | 0.00385 $\Omega$/$\Omega$/°C | | **Operating Temperature** | -70°C to +500°C (Extended range) | | **Tolerance Class** | Class A or Class B (IEC 751) | | **Package Type** | SMT (Surface Mount Technology) / Flat Film | | **Recommended Current** | 1 mA (to minimize self-heating) | --- ## 2. Key Electronic Features ### A. Flat Film Technology The HTS-6A-R utilizes a thin layer of platinum deposited onto a ceramic substrate. This construction provides: * **Rapid Response Time:** The small thermal mass allows the sensor to react quickly to temperature fluctuations. * **Stability:** High resistance to drift over long-term operation compared to thermistors. ### B. High Temperature Resilience Unlike standard SMT resistors, the "HTS" (High Temperature Series) designation indicates specialized materials in the lead-frame and encapsulation that prevent oxidation and mechanical failure at temperatures exceeding 200°C. ### C. Linear Output One of the primary electronic advantages is its **linear relationship** between resistance and temperature, making it easier for Microcontrollers (MCUs) to process the data using the Callendar-Van Dusen equation: `Rt = R0 [1 + At + Bt² + C(t-100)t³]` --- ## 3. Circuit Integration To use the HTS-6A-R in an electronic circuit, it is rarely connected directly to a digital pin. Common interface methods include: 1. **Wheatstone Bridge:** Used to measure small changes in resistance with high accuracy. 2. **Constant Current Source:** Driving a stable 1mA current through the sensor and measuring the voltage drop ($V = I \times R$). 3. **Signal Conditioning:** Usually paired with an **ADC (Analog-to-Digital Converter)** and an instrumentation amplifier (e.g., MAX31865) to filter noise and digitize the reading. --- ## 4. Typical Applications * **Industrial Process Control:** Monitoring furnaces or chemical reactions. * **Automotive:** Exhaust gas sensing or engine block monitoring. * **Aerospace:** Precise ambient temperature sensing in avionics. * **Medical Equipment:** High-precision laboratory instruments.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the HTS-6A-R and a standard thermistor?
    • ⤷ Which ADC or interface IC is best suited for reading this sensor?
    • ⤷ How do you calculate the self-heating error for this specific part?