データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HTS-73-R

  • AI
    The **HTS-73-R** is an electronic component typically categorized as a **surface-mount (SMD) power inductor**. These components are essential in power management circuits for filtering, energy storage, and noise suppression. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications The HTS-73 series is known for its compact profile and shielded construction, making it ideal for high-density circuit boards. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | SMD Shielded Power Inductor | | **Inductance Range** | 1.0µH to 1000µH (varies by specific model suffix) | | **Tolerance** | ±20% (M) | | **Operating Temperature** | -40°C to +125°C | | **Core Material** | Ferrite | | **Shielding** | Magnetically Shielded (prevents EMI) | --- ### 2. Key Electronic Parts & Construction The HTS-73-R consists of several internal elements that define its performance: * **Ferrite Drum Core:** The central part where the wire is wound. Ferrite is used to provide high magnetic permeability while keeping energy loss (hysteresis) low. * **Copper Winding:** High-purity copper wire is wound around the core. The thickness of this wire determines the **DCR (DC Resistance)** and the maximum current capacity. * **Magnetic Shield:** A ferrite ring or epoxy-resin coating mixed with ferrite powder surrounds the coil. This "shield" prevents the magnetic field from interfering with neighboring components. * **Solder Terminals:** Located at the base (the "R" often refers to the RoHS compliance or specific taping/reel packaging style). These are typically tin-plated for easy reflow soldering. --- ### 3. Electrical Performance Factors When integrating the HTS-73-R into a circuit, three main electrical parameters are considered: 1. **Inductance ($L$):** Measured in Henries (µH). This defines the component's ability to store energy in a magnetic field. 2. **Saturation Current ($I_{sat}$):** The current level at which the inductance drops by a specific percentage (usually 10-30%). Exceeding this causes the inductor to lose efficiency. 3. **DC Resistance (DCR):** The internal resistance of the copper wire. A lower DCR is preferred to reduce heat generation and improve efficiency in power supplies. --- ### 4. Common Applications The HTS-73-R is widely used in DC-to-DC conversion circuits. * **DC/DC Converters:** Used in Buck or Boost converters to smooth out current ripples. * **Consumer Electronics:** Found in laptops, tablets, and LED drivers. * **Filtering:** Used in power supply lines to filter out high-frequency noise that could damage sensitive ICs.
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value for the -R suffix variant?
    • ⤷ How does magnetic shielding improve performance in compact PCB designs?
    • ⤷ What are the footprint dimensions for the HTS-73 package?