データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HVF-06-R

  • AI
    ## Technical Overview: HVF-06-R High Voltage Fuse The **HVF-06-R** is a specialized electronic component, typically categorized as a **High Voltage (HV) Power Fuse**. These are most commonly found in microwave ovens and large industrial power supplies to protect the high-voltage transformer and capacitor from overcurrent conditions. --- ### 1. Key Specifications The electronic characteristics of the HVF-06-R are designed to handle high-potential energy while maintaining a small physical footprint. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | High Voltage Glass/Ceramic Tube Fuse | | **Rated Voltage** | 5,000V (5kV) AC | | **Rated Current** | 600mA (0.6A) to 650mA | | **Dimensions** | Standard 6mm x 40mm | | **Material** | Glass body with nickel-plated brass end caps | | **Internal Element** | Spring-loaded wire (Fast-acting) | --- ### 2. Physical and Internal Construction The "electronic parts" of this fuse are distinct from standard household fuses due to the high voltage requirements: * **The Capsule:** Made of thickened glass or ceramic to prevent the body from shattering during a high-energy fault. * **The Spring Mechanism:** Unlike low-voltage fuses, the HVF-06-R often contains a small internal spring. When the fuse element melts, the spring physically pulls the wire apart rapidly to prevent an **electric arc** from maintaining the circuit across the gap. * **The Terminal Caps:** Cylindrical metal caps that ensure a high-pressure contact with the fuse holder to minimize resistance. --- ### 3. Circuit Role and Function In a typical high-voltage circuit (such as a microwave inverter or transformer circuit), the HVF-06-R performs the following roles: 1. **Overcurrent Protection:** If the High Voltage Diode shorts or the Magnetron fails, the current will spike. The fuse "blows" to prevent the transformer from catching fire. 2. **Arc Suppression:** Because 5,000V can jump through the air, the internal length (40mm) and the spring-action ensure the circuit is truly broken. 3. **Safety Interlock:** It acts as the final line of defense before the main power board or the transformer is permanently damaged. --- ### 4. Comparison: HVF-06-R vs. Standard Fuses ```markdown Standard Fuse (e.g., AGC) HVF-06-R (High Voltage) ------------------------- ----------------------- Voltage: 125V - 250V Voltage: 5,000V (5kV) Length: 20mm - 30mm Length: 40mm (longer to prevent arcing) No spring mechanism Internal spring for arc quenching ``` --- ### ⚡ Safety Warning When dealing with the **HVF-06-R**, remember that it is connected to a **High Voltage Capacitor**. Even if the device is unplugged, the circuit can hold a lethal charge. Always discharge the capacitor before inspecting or replacing this fuse.
    ✨ Follow-up Questions
    • ⤷ How do I test an HVF-06-R fuse using a multimeter?
    • ⤷ Can I replace a 600mA HV fuse with a 700mA version safely?
    • ⤷ What are the most common reasons for an HVF-06-R fuse to blow in a microwave?