データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HVF-3F-R/Q

  • AI
    The **HVF-3F-R/Q** is a specific series of high-voltage fast-recovery diodes, typically used in microwave ovens and specialized high-voltage power supply circuits. These components are designed to handle significant voltage stress while maintaining high-speed switching capabilities. --- ### 1. Technical Specifications The following table outlines the general electronic characteristics for the HVF-3F series: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 8.0 - 12.0 | kV | | **Average Forward Current ($I_{F(AV)}$)** | 350 - 500 | mA | | **Reverse Recovery Time ($t_{rr}$)** | 60 - 100 | ns | | **Maximum Forward Voltage Drop ($V_{F}$)** | 10 - 14 | V | | **Peak Surge Current ($I_{FSM}$)** | 30 | A | --- ### 2. Key Features * **Fast Recovery Time:** The "F" in the part number signifies "Fast Recovery." This allows the diode to switch from a conducting state to a non-conducting state very quickly, reducing power loss and heat. * **High Voltage Insulation:** The casing is designed with high-dielectric materials to prevent arcing or breakdown across the body of the diode. * **Molded Plastic Case:** Usually features a circular or rectangular body with axial leads, designed to withstand high thermal stress. * **Reliability:** Engineered to handle the "kickback" voltage generated by high-voltage transformers in magnetron driving circuits. --- ### 3. Application in Circuits In a standard microwave oven circuit, the **HVF-3F-R/Q** works in tandem with a high-voltage capacitor and a transformer to create a **half-wave doubler circuit**. #### Operation Steps: 1. **Charging Phase:** During the positive half-cycle, the diode conducts and charges the high-voltage capacitor. 2. **Doubling Phase:** During the negative half-cycle, the diode is "cut off" (Reverse Bias), and the voltage from the capacitor adds to the voltage from the transformer. 3. **Output:** This results in approximately 4,000V - 5,000V DC being delivered to the magnetron to generate microwaves. --- ### 4. Testing and Safety > **Warning:** These components deal with lethal voltages. Always discharge high-voltage capacitors before handling. To test this part using a standard Digital Multimeter (DMM): * **Standard Diode Test:** A normal 9V battery inside a DMM is usually *not enough* to overcome the high forward voltage drop (10V+) of this diode. The meter will likely show "Open" in both directions even if the diode is good. * **Proper Test Method:** Use a 12V-24V DC power source in series with a resistor (e.g., 1kΩ) and measure the voltage across the diode. If it drops around 10-12V in forward bias and blocks completely in reverse, it is functional.
    ✨ Follow-up Questions
    • ⤷What is the difference between the -R and -Q suffixes in this part number?
    • ⤷ How does the reverse recovery time impact the efficiency of the power supply?
    • ⤷ Can a standard 1N4007 diode be used as a replacement for the HVF-3F?