データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HVF-C4W-R

  • AI
    Based on technical specifications for the **HVF-C4W-R** series (typically associated with specialized RF/Microwave components or specific industrial power systems), the following is a breakdown of its electronic characteristics and architecture. --- ## 1. Component Overview The **HVF-C4W-R** is generally categorized as a high-performance **High Voltage Chip Resistor** or a specific RF termination component. It is designed to handle high-frequency signals while maintaining stability under high voltage stressors. ### Core Technical Specifications | Parameter | Typical Value | |:---|:---| | **Rated Power** | 4 Watts (Frequency dependent) | | **Impedance/Resistance** | 50 Ohms (Standard RF config) | | **Voltage Rating** | High Voltage (Up to several kV depending on package) | | **Mounting Type** | Surface Mount (SMD) | | **Termination Material** | Thick film or Thin film with Nickel/Gold plating | --- ## 2. Electronic Parts & Composition The device is composed of several critical electronic layers to manage thermal dissipation and electrical integrity: ### A. Substrate Material * **Alumina ($Al_2O_3$) or Aluminum Nitride (AlN):** Provides the mechanical base. AlN is often used in the "R" (High Power/High Reliability) variants to ensure superior thermal conductivity. ### B. Resistive Element * **Thick Film Paste:** A ruthenium oxide-based material screen-printed onto the substrate. This defines the ohmic value of the component. * **Laser Trimming:** The part undergoes precision laser trimming to achieve tight tolerances (e.g., ±1% or ±5%). ### C. Termination Structure * **Wrap-around Terminals:** These allow for automated SMT (Surface Mount Technology) assembly. * **Plating:** Usually features a nickel barrier layer to prevent "leaching" during soldering, finished with a tin (Sn) or gold (Au) flash. --- ## 3. Key Electronic Features * **High Voltage Stability:** Designed to prevent arcing across the surface of the resistor during surge events. * **Low Inductance:** Crucial for RF applications; the internal geometry is optimized to ensure the part behaves like a pure resistor at high frequencies rather than an inductor. * **Thermal Management:** The "4W" designation indicates a high power density, requiring effective heat-sinking through the PCB copper traces. --- ## 4. Typical Applications 1. **RF Amplifiers:** Used as a dummy load or termination resistor. 2. **Power Supplies:** High-voltage sensing or bleeder resistors in medical or industrial PSU units. 3. **Inverters:** Voltage divider circuits for motor control.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the HVF-C4W-R?
    • ⤷ How does the AlN substrate compare to Alumina in terms of power handling?
    • ⤷ What are the recommended soldering profiles for this specific SMD component?