データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • HVS-AC-R

  • AI
    The **HVS-AC-R** typically refers to a high-voltage sensor or monitoring component designed for alternating current (AC) systems, often used in electric vehicle (EV) battery management systems (BMS) or industrial power conversion units. Below is an overview of the electronic components and architecture commonly found in this type of module. ### Core Electronic Components | Component Category | Primary Functions | | :--- | :--- | | **Isolation Barrier** | Provides galvanic isolation (often via capacitive or optical couplers) to protect low-voltage logic from high-voltage AC lines. | | **Analog-to-Digital Converter (ADC)** | Converts high-precision analog voltage readings into digital signals for processing. | | **Voltage Dividers** | High-precision resistor networks used to step down high AC voltages to measurable levels. | | **Microcontroller (MCU)** | Manages data acquisition, runs calibration algorithms, and handles communication protocols (e.g., CAN bus). | | **Input Protection** | TVS diodes, varistors, and fuses to protect against voltage spikes and surges. | --- ### Technical Architecture The electronic design of the HVS-AC-R is centered around three primary stages: #### 1. High-Voltage Sensing Front-End This stage uses a series of high-precision, high-stability resistors. Because it handles AC, the circuitry must account for: * **True RMS Calculation:** Measuring the effective voltage of the AC waveform. * **Frequency Detection:** Monitoring line frequency (typically 50/60 Hz). #### 2. Galvanic Isolation To ensure safety, the "hot" side (connected to the AC line) is physically and electrically separated from the "cold" side (connected to the vehicle's control unit). * **Digital Isolators:** Transfer digital data across the isolation barrier without direct electrical contact. * **Isolated Power Supply:** Often utilizes a small transformer or DC-DC converter to power the high-voltage side electronics. #### 3. Communication Interface The processed data is usually transmitted via a robust automotive or industrial bus: * **CAN-Bus (Controller Area Network):** The standard for reporting voltage levels, ripple, and diagnostic faults to the main ECU. * **Error Reporting:** Includes over-voltage, under-voltage, and insulation loss detection. --- ### Key Specifications Table | Feature | Typical Specification | | :--- | :--- | | **Voltage Range** | Up to 1000V AC | | **Accuracy** | $\pm$ 0.5% to $\pm$ 1% | | **Operating Temperature** | -40°C to +105°C | | **Isolation Voltage** | 2500V - 5000V DC | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific safety certifications required for HVS-AC-R components?
    • ⤷ How does the HVS-AC-R handle signal noise in high-frequency environments?
    • ⤷ What is the difference between HVS-AC-R and standard DC voltage sensors?