ICS511M
AI

## ICS511M: LOCO™ PLL Clock Multiplier
The **ICS511M** (produced by Renesas/IDT) is a low-cost, high-performance **Phase-Locked Loop (PLL)** clock multiplier. It is designed to replace expensive high-frequency crystals or oscillators by generating a high-speed output clock from a low-speed crystal or clock input.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Frequency Range** | 5 MHz to 27 MHz |
| **Output Frequency Range** | Up to 200 MHz (at 5V) |
| **Supply Voltage (VDD)** | 3.3 V to 5.0 V |
| **Operating Current** | 12 mA (at 15 MHz input, 3.3V) |
| **Package Type** | 8-pin SOIC |
| **Duty Cycle** | 45% to 55% |
---
### 2. Functional Description
The ICS511M uses an internal PLL to multiply the input frequency. The user selects the multiplication factor using two digital input pins (**S0** and **S1**).
#### Multiplier Select Table
| S1 Pin | S0 Pin | Multiplier Factor |
| :---: | :---: | :---: |
| 0 | 0 | 4x |
| 0 | 1 | 5.25x |
| 1 | 0 | 2x |
| 1 | 1 | 3x |
*Note: There are different versions of the ICS511; always check the specific suffix (e.g., M, MLF) for exact multiplier mappings.*
---
### 3. Pin Configuration (8-Pin SOIC)
| Pin Number | Name | Type | Description |
| :--- | :--- | :--- | :--- |
| 1 | **ICLK** | Input | Crystal connection or external clock input. |
| 2 | **X2** | Output | Crystal connection (leave floating if using external clock). |
| 3 | **VDD** | Power | Positive supply voltage (3.3V or 5V). |
| 4 | **GND** | Power | Ground. |
| 5 | **CLK** | Output | Clock output. |
| 6 | **S1** | Input | Multiplier select pin 1 (Internal pull-up). |
| 7 | **S0** | Input | Multiplier select pin 0 (Internal pull-up). |
| 8 | **OE** | Input | Output Enable (High = enable, Low = high impedance). |
---
### 4. Implementation Circuitry
To ensure stability and low jitter, the following components are typically required:
* **Decoupling Capacitor:** A 0.01 µF ceramic capacitor should be placed as close as possible to the VDD pin (Pin 3).
* **Series Termination:** If the trace to the load is long, a 33Ω resistor should be placed in series with the CLK output (Pin 5) to minimize reflections.
```c
// Example Logical Connection for 4x Multiplication
// Input: 10 MHz Crystal
// S1 = 0, S0 = 0
// Output: 40 MHz
```
---
- ⤷
What are the main differences between the ICS511 and ICS512 models?
- ⤷ How does the power consumption change when switching from 3.3V to 5V?
- ⤷ What is the maximum output jitter specified for the ICS511M?