データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ICS570B

  • AI
    ## Overview of the ICS570B The **ICS570B** is a high-performance **Zero Delay Buffer (ZDB)** and **Multiplier** integrated circuit designed by IDT (Integrated Device Technology, now part of Renesas). Its primary function is to synchronize an output clock signal with an input clock signal, effectively eliminating propagation delay. --- ### 1. Key Specifications The following table highlights the essential electronic characteristics of the ICS570B: | Parameter | Specification | | :--- | :--- | | **Input Voltage (VDD)** | 3.3 V to 5.0 V | | **Input Frequency Range** | 2 MHz to 170 MHz | | **Output Frequency Range** | Up to 170 MHz | | **Package Type** | 8-pin SOIC | | **Output Type** | CMOS | | **Operating Temperature** | 0°C to +70°C (Commercial) | --- ### 2. Functional Electronic Blocks The ICS570B operates using several internal components that work in harmony: 1. **Phase-Locked Loop (PLL):** The heart of the chip. It compares the phase of the input clock to the phase of the output clock and adjusts the internal oscillator to match them exactly. 2. **Clock Multiplier:** It can multiply the input frequency by a fixed ratio (e.g., x2), allowing a low-frequency crystal or oscillator to drive a high-speed system. 3. **Feedback Path:** The "Zero Delay" feature is achieved by routing the output signal back to the PLL's feedback input. This allows the chip to compensate for internal gate delays. --- ### 3. Pin Configuration The device is housed in a compact 8-pin package. Here is the pinout description: | Pin Number | Pin Name | Type | Description | | :---: | :--- | :--- | :--- | | 1 | **ICLK** | Input | Reference Clock Input | | 2 | **S1** | Input | Multiplier Select Pin 1 | | 3 | **S0** | Input | Multiplier Select Pin 0 | | 4 | **GND** | Power | Ground Connection | | 5 | **VDD** | Power | Power Supply (3.3V or 5V) | | 6 | **CLKOUT** | Output | Clock Output (Zero Delay) | | 7 | **NC** | - | No Connection | | 8 | **FBK** | Input | Feedback Input (Connected to CLKOUT) | --- ### 4. Selection Table (Multiplier Logic) The pins **S0** and **S1** are used to define the multiplication factor of the clock. | S1 | S0 | Multiplier Ratio | | :--- | :--- | :--- | | 0 | 0 | x1 | | 0 | 1 | x2 | | 1 | 0 | x3 | | 1 | 1 | x4 (or specific ratio based on variant) | --- ### 5. Application Benefits * **Skew Reduction:** Used in high-speed digital systems (like SDRAM or CPU clocking) to ensure the clock signal reaches all components at the same time. * **Frequency Synthesis:** Allows designers to generate high-speed clocks from cheaper, lower-frequency sources. * **Space Efficient:** The 8-pin SOIC footprint minimizes PCB space requirements.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ICS570B and a standard clock buffer?
    • ⤷ How do I calculate the loop filter components for the ICS570B?
    • ⤷ Can the ICS570B be used with 1.8V logic levels?