データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • INMP441ACEZ-R7

  • AI
    ## Technical Overview: INMP441ACEZ-R7 The **INMP441ACEZ-R7** is a high-performance, low-power, omnidirectional MEMS (Micro-Electro-Mechanical Systems) microphone with a digital I2S output. It is widely used in applications requiring high-quality audio capture in a compact form factor. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Output Type** | Digital I2S (Inter-IC Sound) | | **Directivity** | Omnidirectional | | **SNR (Signal-to-Noise Ratio)** | 61 dBA | | **Sensitivity** | -26 dBFS | | **Frequency Response** | 60 Hz to 15 kHz | | **Operating Voltage** | 1.8V to 3.3V | | **Current Consumption** | 1.4 mA | | **Package** | 4.72 mm × 3.76 mm × 1 mm LGA | --- ### 2. Pin Configuration and Functions The device features a 6-pin interface. Understanding these pins is crucial for correct electronic integration: 1. **SCK (Serial Data Clock):** The bit clock for the I2S interface. 2. **WS (Word Select):** Also known as Left/Right clock (LRCLK). It determines which channel (left or right) is being transmitted. 3. **L/R (Left/Right Select):** * Pull to **GND** for the Left channel. * Pull to **VDD** for the Right channel. 4. **SD (Serial Data):** The digital output signal in I2S format. 5. **VDD:** Power supply input (1.8V - 3.3V). 6. **GND:** Ground reference. --- ### 3. Core Electronic Features #### A. Integrated I2S Interface Unlike traditional analog microphones that require an external ADC (Analog-to-Digital Converter) and a pre-amplifier, the INMP441 has these components built-in. This allows it to connect directly to microcontrollers (like ESP32 or STM32) and DSPs without additional circuitry. #### B. High Power Supply Rejection (PSR) The chip is designed to be highly resistant to noise coming from the power supply, which is critical in wireless devices where RF interference or switching regulators can introduce humming. #### C. Bottom Port Design The "acoustic port" (where sound enters) is located on the bottom of the chip. In PCB design, this requires a hole to be drilled through the board to allow sound waves to reach the MEMS sensor. --- ### 4. Application Example (ESP32) To interface this part with an ESP32, the wiring typically follows this pattern: ```cpp // Typical ESP32 I2S Configuration i2s_config_t i2s_config = { .mode = (i2s_mode_t)(I2S_MODE_MASTER | I2S_MODE_RX), .sample_rate = 44100, .bits_per_sample = I2S_BITS_PER_SAMPLE_24BIT, .channel_format = I2S_CHANNEL_FMT_ONLY_LEFT, .communication_format = I2S_COMM_FORMAT_I2S, .intr_alloc_flags = ESP_INTR_FLAG_LEVEL1, .dma_buf_count = 8, .dma_buf_len = 64 }; ``` ---
    ✨ Follow-up Questions
    • ⤷What are the PCB layout requirements for the bottom-port acoustic hole?
    • ⤷ How do I connect two INMP441 microphones for stereo recording?
    • ⤷ What is the difference between INMP441 and ICS-43434?