データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • INMP504ACEZ-R0

  • AI
    ## Overview of the INMP504ACEZ-R0 The **INMP504ACEZ-R0** is a high-performance, ultra-low noise, low-power, analog-output **MEMS (Micro-Electro-Mechanical Systems) microphone**. It is designed to provide high fidelity and clarity for audio capture in compact electronic devices. --- ### Core Specifications | Parameter | Specification | | :--- | :--- | | **Output Type** | Analog (Single-Ended) | | **Signal-to-Noise Ratio (SNR)** | 65 dBA | | **Sensitivity** | -38 dBV | | **Current Consumption** | < 180 µA | | **Supply Voltage (VDD)** | 1.6V to 3.3V | | **Frequency Response** | 100 Hz to 20 kHz | | **Package Type** | 3.35 mm × 2.50 mm × 0.88 mm LGA | --- ### Key Electronic Components & Features 1. **MEMS Sensor Element**: The heart of the device is a silicon-etched diaphragm that reacts to air pressure changes (sound). It acts as a variable capacitor. 2. **Impedance Converter / Pre-Amplifier**: Since the MEMS sensor produces a very high-impedance signal, an internal ASIC (Application-Specific Integrated Circuit) converts this into a low-impedance analog signal suitable for transmission to an ADC or audio codec. 3. **Power Management**: The internal circuitry is optimized for low power consumption, making it ideal for battery-operated devices like wearables or smartphones. 4. **Acoustic Port**: The "ACEZ" variant typically features a **bottom-port** configuration, meaning the sound entry hole is located on the underside of the package, allowing for a slimmer device profile. --- ### Typical Pin Configuration | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **OUTPUT** | Analog output signal | | 2 | **GND** | Ground reference | | 3 | **VDD** | Power supply (1.6V - 3.3V) | --- ### Typical Application Circuit To integrate the INMP504 into a circuit, a simple RC filter and a DC blocking capacitor are usually required: ```c [Power Source VDD] ----[ 10 ohm Resistor ]----+---- (Pin 3: VDD) | [ 0.1uF Capacitor ] | [ GND ] (Pin 1: OUTPUT) ----[ 1uF DC-Blocking Cap ]----> [ Audio Codec / ADC ] ``` --- ### Applications * **Mobile Devices**: Smartphones and tablets. * **Wearables**: Smartwatches and fitness trackers. * **IoT**: Voice-activated smart home devices. * **Industrial**: Acoustic sensors for preventative maintenance.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between bottom-port and top-port MEMS microphones?
    • ⤷ How do I calculate the gain needed for an external amplifier with this microphone?
    • ⤷ Is this part compatible with high-temperature lead-free soldering processes?