データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • IP-R6006

  • AI
    The **IP-R6006** is a programmable DC power supply module, commonly used in laboratory settings, DIY electronics projects, and battery charging applications. It is designed to provide high-precision voltage and current regulation. --- ### Core Specifications Below are the primary electronic characteristics of the IP-R6006 module: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 6.0V - 70.0V DC | | **Output Voltage Range** | 0V - 60.0V DC | | **Output Current Range** | 0A - 6.0A | | **Output Power Range** | 0 - 360W | | **Voltage Resolution** | 0.01V | | **Current Resolution** | 0.001A | | **Efficiency** | ~94% | --- ### Key Electronic Components & Features #### 1. Buck Converter Topology The IP-R6006 utilizes a **Step-Down (Buck)** switching regulator. This means the input voltage must always be at least 10% higher than the desired output voltage. It uses high-frequency switching MOSFETs to convert voltage efficiently with minimal heat loss. #### 2. Control Unit (Microcontroller) The board features an integrated MCU that manages: * **Digital-to-Analog Conversion (DAC):** For precise setting of voltage and current levels. * **Analog-to-Digital Conversion (ADC):** For real-time monitoring and feedback displayed on the screen. * **User Interface:** Handling the encoder knob and button inputs. #### 3. Protection Circuitry To ensure the safety of the connected electronics, the IP-R6006 includes several hardware and software protections: * **OVP (Over Voltage Protection):** Shuts down output if voltage exceeds the set limit. * **OCP (Over Current Protection):** Prevents damage by limiting current flow. * **OPP (Over Power Protection):** Caps the total wattage at 360W. * **OTP (Over Temperature Protection):** Features an external sensor or internal thermistor to monitor heat. #### 4. Display and Communication * **LCD Color Screen:** Typically a 1.44-inch high-definition display showing V-SET, I-SET, V-OUT, and I-OUT. * **Communication Interface:** Many variants include a dedicated header for **USB or Bluetooth** modules, allowing for remote control via PC software or mobile apps. --- ### Basic Wiring Diagram When integrating this part into a housing, the wiring follows this logic: ```text [DC Source (6-70V)] --> [IN+ IN-] (IP-R6006) [OUT+ OUT-] --> [Load/Battery] ``` > **Note:** Do not reverse the polarity of the input, as most versions do not have full reverse-polarity protection for the power stage, which can lead to component failure.
    ✨ Follow-up Questions
    • ⤷ What is the minimum voltage difference required between input and output for stable operation?
    • ⤷ Can the IP-R6006 be used to charge Lithium-ion batteries directly?
    • ⤷ Does this module support firmware updates via the communication port?